Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R1 Datasheet(PDF) 27 Page - PULS GmbH

Part # CP20.241-R1
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R1 Datasheet(HTML) 27 Page - PULS GmbH

Back Button CP20.241-R1 Datasheet HTML 22Page - PULS GmbH CP20.241-R1 Datasheet HTML 23Page - PULS GmbH CP20.241-R1 Datasheet HTML 24Page - PULS GmbH CP20.241-R1 Datasheet HTML 25Page - PULS GmbH CP20.241-R1 Datasheet HTML 26Page - PULS GmbH CP20.241-R1 Datasheet HTML 27Page - PULS GmbH CP20.241-R1 Datasheet HTML 28Page - PULS GmbH CP20.241-R1 Datasheet HTML 29Page - PULS GmbH CP20.241-R1 Datasheet HTML 30Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
27/30
P R E L I M I N A R Y
25.7. SERIES OPERATION
Power supplies of the same type can be connected in series for higher
output voltages. It is possible to connect as many units in series as needed,
providing the sum of the output voltage does not exceed 150Vdc. Voltages
with a potential above 60Vdc are not SELV any more and can be dangerous.
Such voltages must be installed with a protection against touching.
Unit A
Input
Output
Unit B
-
+
-
+
Load
+
-
Input
Output
Avoid return voltage (e.g. from a decelerating motor or battery) which is
applied to the output terminals.
Keep an installation clearance of 15mm (left / right) between two power
supplies and avoid installing the power supplies on top of each other. Do
not use power supplies in series in mounting orientations other than the
standard mounting orientation (input terminals on bottom of the unit).
Pay attention that leakage current, EMI, inrush current, harmonics will increase when using multiple power supplies.
25.8. PARALLEL USE TO INCREASE OUTPUT POWER
Power supplies can be paralleled to increase the output power. For
redundancy applications one extra power supply is always needed for
sufficient output current in case one unit fails.
The unit is permanently set to “parallel use” mode in order to achieve
load sharing between power supplies connected in parallel. The “Parallel
use” mode regulates the output voltage in such a manner that the voltage
at no load is approx. 4% higher than at nominal load. See also chapter 6.
Energize all units at the same time to avoid the overload HiccupPLUS mode.
It also might be necessary to cycle the input power (turn-off for at least
five seconds), if the output was in HiccupPLUS mode due to overload or
short circuits and the required output current is higher than the current of one unit.
Unit A
Unit B
-
+
-
+
Load
+
-
Input
Output
Input
Output
Keep an installation clearance of 15mm (left / right) between two power supplies and avoid installing the power
supplies on top of each other.
Do not use power supplies in parallel in mounting orientations other than the standard mounting orientation (input
terminals on bottom of the unit) or in any other condition where a derating of the output current is required (e.g.
altitude).
Pay attention that leakage current, EMI, inrush current, harmonics will increase when using multiple power supplies.
Do not load paralleled power supplies with higher currents as shown in the following diagrams:
Fig. 25-5 Output current vs. ambient temp. for
two paralleled units
Fig. 25-6 Output current vs. ambient temp.
for three paralleled units
Allowed output current for two paralleled units
Allowed output current for three paralleled units
48A
0
30
40
50
60
70°C
8A
16A
24A
32A
40A
B
72A
A
Ambient Temperature
A... continuous
B... short term (max. 5s)
36.6
28A
0
30
40
50
60
70°C
12A
24A
36A
48A
60A
B
A
42A
A... continuous
B... short term (max. 5s)
36.6
Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com