Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R1 Datasheet(PDF) 30 Page - PULS GmbH

Part # CP20.241-R1
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R1 Datasheet(HTML) 30 Page - PULS GmbH

Back Button CP20.241-R1 Datasheet HTML 22Page - PULS GmbH CP20.241-R1 Datasheet HTML 23Page - PULS GmbH CP20.241-R1 Datasheet HTML 24Page - PULS GmbH CP20.241-R1 Datasheet HTML 25Page - PULS GmbH CP20.241-R1 Datasheet HTML 26Page - PULS GmbH CP20.241-R1 Datasheet HTML 27Page - PULS GmbH CP20.241-R1 Datasheet HTML 28Page - PULS GmbH CP20.241-R1 Datasheet HTML 29Page - PULS GmbH CP20.241-R1 Datasheet HTML 30Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
25.13.MOUNTING ORIENTATIONS
Mounting orientations other than all terminals on the bottom require a reduction in continuous output power or a
limitation in the maximum allowed ambient temperature. The amount of reduction influences the lifetime expectancy
of the power supply. Therefore, two different derating curves for continuous operation can be found below:
Curve A1
Recommended output current.
Curve A2
Max allowed output current (results in approximately half the lifetime expectancy of A1).
Fig. 25-9
Mounting
Orientation A
(Standard
orientation)
Power
Supply
OUTPUT
Output Current
0
10
20
30
40
60°C
24A
30/30
INPUT
A1
6
12
18
Ambient Temperature
50
Fig. 25-10
Mounting
Orientation B
(Upside down)
Output Current
0
10
20
30
40
60°C
24A
6
12
18
50
Ambient Temperature
A2
A1
Fig. 25-11
Mounting
Orientation C
(Table-top
mounting)
Output Current
0
10
20
30
40
60°C
24A
6
12
18
A1
A2
Ambient Temperature
50
Fig. 25-12
Mounting
Orientation D
(Horizontal cw)
Output Current
0
10
20
30
40
60°C
24A
6
12
18
A1
A2
Ambient Temperature
50
Fig. 25-13
Mounting
Orientation E
(Horizontal ccw)
Output Current
0
10
20
30
40
60°C
6
12
18
24A
50
Ambient Temperature
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com