Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R1 Datasheet(PDF) 26 Page - PULS GmbH

Part # CP20.241-R1
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R1 Datasheet(HTML) 26 Page - PULS GmbH

Back Button CP20.241-R1 Datasheet HTML 22Page - PULS GmbH CP20.241-R1 Datasheet HTML 23Page - PULS GmbH CP20.241-R1 Datasheet HTML 24Page - PULS GmbH CP20.241-R1 Datasheet HTML 25Page - PULS GmbH CP20.241-R1 Datasheet HTML 26Page - PULS GmbH CP20.241-R1 Datasheet HTML 27Page - PULS GmbH CP20.241-R1 Datasheet HTML 28Page - PULS GmbH CP20.241-R1 Datasheet HTML 29Page - PULS GmbH CP20.241-R1 Datasheet HTML 30Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
26/30
P R E L I M I N A R Y
25.5. EXTERNAL INPUT PROTECTION
The unit is tested and approved for branch circuits up to 30A (UL) and 32A (IEC). An external protection is only
required if the supplying branch has an ampacity greater than this. Check also local codes and local requirements. In
some countries local regulations might apply.
If an external fuse is necessary or utilized, minimum requirements need to be considered to avoid nuisance tripping of
the circuit breaker. A minimum value of 10A B- or C-Characteristic breaker should be used.
25.6. OUTPUT CIRCUIT BREAKERS
Standard miniature circuit breakers (MCB’s or UL 1077 circuit breakers) are commonly used for AC-supply systems and
may also be used on 24V branches.
MCB’s are designed to protect wires and circuits. If the ampere value and the characteristics of the MCB are adapted to
the wire size that is used, the wiring is considered as thermally safe regardless of whether the MCB opens or not.
To avoid voltage dips and under-voltage situations in adjacent 24V branches which are supplied by the same source, a
fast (magnetic) tripping of the MCB is desired. A quick shutdown within 10ms is necessary corresponding roughly to
the ride-through time of PLC's. This requires power supplies with high current reserves and large output capacitors.
Furthermore, the impedance of the faulty branch must be sufficiently small in order for the current to actually flow.
The best current reserve in the power supply does not help if Ohm’s law does not permit current flow. The following
table has typical test results showing which B- and C-Characteristic MCBs magnetically trip depending on the wire cross
section and wire length.
Fig. 25-4 Test circuit
Maximal wire length
*) for a fast (magnetic) tripping:
0.75mm²
1.0mm²
1.5mm²
2.5mm²
C-2A
34m
45m
64m
101m
C-3A
27m
36m
52m
79m
C-4A
19m
26m
35m
56m
C-6A
9m
12m
16m
23m
C-8A
4m
8m
12m
18m
C-10A
4m
6m
9m
15m
C-13A
2m
3m
4m
5m
B-6A
23m
30m
38m
67m
B-10A
11m
14m
21m
32m
B-13A
7m
12m
17m
23m
B-16A
4m
6m
8m
11m
MCB
Power Supply
AC
DC
+
-
Load
+
-
B-20A
1m
1m
2m
4m
Wire length
S1... Fault simulation switch
S1
*)
Don’t forget to consider twice the distance to the load (or cable length) when calculating the total wire length (+ and – wire).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com