Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R1 Datasheet(PDF) 21 Page - PULS GmbH

Part # CP20.241-R1
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R1 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CP20.241-R1 Datasheet HTML 17Page - PULS GmbH CP20.241-R1 Datasheet HTML 18Page - PULS GmbH CP20.241-R1 Datasheet HTML 19Page - PULS GmbH CP20.241-R1 Datasheet HTML 20Page - PULS GmbH CP20.241-R1 Datasheet HTML 21Page - PULS GmbH CP20.241-R1 Datasheet HTML 22Page - PULS GmbH CP20.241-R1 Datasheet HTML 23Page - PULS GmbH CP20.241-R1 Datasheet HTML 24Page - PULS GmbH CP20.241-R1 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/30
P R E L I M I N A R Y
23. PHYSICAL DIMENSIONS AND WEIGHT
Width
48mm 1.89’’
Height
124mm 4.88’’ (without plug-connectors)
Depth
127mm 5.0’’ (without plug-connector)
The DIN-rail height must be added to the unit depth to calculate the total required
installation depth.
Weight
830g / 1.83lb for CP20.241-R1 and CP20.241-R3
850g / 1.87lb for CP20.241-R2
DIN-Rail
Use 35mm DIN-rails according to EN 60715 or EN 50022 with a height of 7.5 or 15mm.
Housing material
Body: Aluminium alloy
Cover: zinc-plated steel
Installation clearances
See chapter 2
Fig. 23-1 Front view
CP20.241-R1
CP20.241-R3
Fig. 23-2 Side view CP20.241-R1 and CP20.241-R3
All dimensions in mm
All dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com