Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R3 Datasheet(PDF) 16 Page - PULS GmbH

Part # CP20.241-R3
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R3 Datasheet(HTML) 16 Page - PULS GmbH

Back Button CP20.241-R3 Datasheet HTML 12Page - PULS GmbH CP20.241-R3 Datasheet HTML 13Page - PULS GmbH CP20.241-R3 Datasheet HTML 14Page - PULS GmbH CP20.241-R3 Datasheet HTML 15Page - PULS GmbH CP20.241-R3 Datasheet HTML 16Page - PULS GmbH CP20.241-R3 Datasheet HTML 17Page - PULS GmbH CP20.241-R3 Datasheet HTML 18Page - PULS GmbH CP20.241-R3 Datasheet HTML 19Page - PULS GmbH CP20.241-R3 Datasheet HTML 20Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
16/30
P R E L I M I N A R Y
16. EMC
The power supply is suitable for applications in industrial environment as well as in residential, commercial and light
industry environment without any restrictions.
EMC Immunity
According generic standards: EN 61000-6-1 and EN 61000-6-2
Electrostatic discharge
EN 61000-4-2
Contact discharge
Air discharge
8kV
15kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-2.7GHz
20V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
Input lines
Output lines
DC-OK signal (coupling clamp)
4kV
2kV
2kV
Criterion A
Criterion A
Criterion A
Surge voltage on input
EN 61000-4-5
L
N
L
PE, N
PE
2kV
4kV
Criterion A
Criterion A
Surge voltage on output
EN 61000-4-5
+
-
+ / -
PE
1kV
2kV
Criterion A
Criterion A
Surge voltage on Signals
EN 61000-4-5
DC-OK signal
PE
1kV
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
20V
Criterion A
Mains voltage dips
EN 61000-4-11
0% of 100Vac
40% of 100Vac
70% of 100Vac
0% of 200Vac
40% of 200Vac
70% of 200Vac
0Vac, 20ms
40Vac, 200ms
70Vac, 500ms
0Vac, 20ms
80Vac, 200ms
140Vac, 500ms
Criterion A
Criterion C
Criterion C
Criterion A
Criterion A
Criterion A
Voltage interruptions
EN 61000-4-11
0% of 200Vac (=0V)
5000ms
Criterion C
Voltage sags
SEMI F47 0706
Dips on the input voltage according to SEMI F47 standard
80% of 120Vac (96Vac)
70% of 120Vac (84Vac)
50% of 120Vac (60Vac)
1000ms
500ms
200ms
Criterion A
Criterion A
Criterion A
Powerful transients
VDE 0160
Vver entire load range
750V, 0.3ms
Criterion A
Criterions:
A:
Power supply shows normal operation behavior within the defined limits.
C:
Temporary loss of function is possible. Power supply may shut-down and restarts by itself. No damage or hazards for the power supply
will occur.
EMC Emission
According generic standards: EN 61000-6-3 and EN 61000-6-4
Conducted emission
input lines
EN 55011, EN 55015, EN 55022, FCC Part
15, CISPR 11, CISPR 22
Class B
Conducted emission
output lines*)
IEC/CISPR 16-1-2, IEC/CISPR 16-2-1
Limits for DC power port according EN
61000-6-3 fulfilled
Radiated emission
EN 55011, EN 55022
Class B
Harmonic input current
EN 61000-3-2
Class A fulfilled between 0A and 12A load
Class C fulfilled between 6A and 12A load
Voltage fluctuations, flicker
EN 61000-3-3
Fulfilled, tested with constant current
loads, non pulsing
This device complies with FCC Part 15 rules.
Operation is subjected to following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
*)
for information only, not mandatory for EN 61000-6-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com