Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R3 Datasheet(PDF) 23 Page - PULS GmbH

Part # CP20.241-R3
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R3 Datasheet(HTML) 23 Page - PULS GmbH

Back Button CP20.241-R3 Datasheet HTML 19Page - PULS GmbH CP20.241-R3 Datasheet HTML 20Page - PULS GmbH CP20.241-R3 Datasheet HTML 21Page - PULS GmbH CP20.241-R3 Datasheet HTML 22Page - PULS GmbH CP20.241-R3 Datasheet HTML 23Page - PULS GmbH CP20.241-R3 Datasheet HTML 24Page - PULS GmbH CP20.241-R3 Datasheet HTML 25Page - PULS GmbH CP20.241-R3 Datasheet HTML 26Page - PULS GmbH CP20.241-R3 Datasheet HTML 27Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
23/30
P R E L I M I N A R Y
24. ACCESSORIES
24.1. ZM5.WALL – WALL/PANEL MOUNT BRACKET
This bracket is used to mount the devices on a wall/panel without utilizing a DIN-Rail. It is
suitable for the CP20.241-R1, CP20.241-R2 and CP20.241-R3.
The bracket can be mounted without detaching the DIN-rail brackets.
Fig. 24-1 Isometric view
(Picture shows the CP20.241-R2)
Fig. 24-2 Isometric view-
(Picture shows the CP20.241-R2)
Fig. 24-3 Isometric view
(Picture shows the CP20.241-R2)
Fig. 24-4 Wall/panel mounting,
front view
(Picture shows the CP20.241-R2)
Fig. 24-5 Hole pattern for wall
mounting
Fig. 24-6 Wall/panel mounting,
side view
(Picture shows the CP20.241-R2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com