Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R3 Datasheet(PDF) 18 Page - PULS GmbH

Part # CP20.241-R3
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R3 Datasheet(HTML) 18 Page - PULS GmbH

Back Button CP20.241-R3 Datasheet HTML 14Page - PULS GmbH CP20.241-R3 Datasheet HTML 15Page - PULS GmbH CP20.241-R3 Datasheet HTML 16Page - PULS GmbH CP20.241-R3 Datasheet HTML 17Page - PULS GmbH CP20.241-R3 Datasheet HTML 18Page - PULS GmbH CP20.241-R3 Datasheet HTML 19Page - PULS GmbH CP20.241-R3 Datasheet HTML 20Page - PULS GmbH CP20.241-R3 Datasheet HTML 21Page - PULS GmbH CP20.241-R3 Datasheet HTML 22Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
18/30
P R E L I M I N A R Y
18. PROTECTION FEATURES
Output protection
Electronically protected against overload, no-load and short-circuits. In case of a
protection event, audible noise may occur.
Output over-voltage protection
typ. 30.5Vdc
max. 32Vdc
In case of an internal power supply defect, a redundant
circuit limits the maximum output voltage. The output
shuts down and automatically attempts to restart.
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 5mm
E.g. screws, small parts
Over-temperature protection
yes1)
Output shut-down with automatic restart
Input transient protection
MOV
(Metal Oxide Varistor)
For protection values see chapter 16 (EMC).
Internal input fuse
included
Not user replaceable slow-blow high-braking capacity
fuse
1) The temperature sensor is installed inside the isolating transformer and turns the unit off in safety critical situations (e.g. de-rating
requirements not observed, high ambient temperature, ventilation obstructed or the mounting orientation de-rating is not followed).
There is no correlation between the operating temperature and turn-off temperature since this is dependent on input voltage, load and
installation methods.
There is no correlation between the operating temperature and turn-off temperature since this is dependent on input voltage, load and
installation methods.
19. SAFETY FEATURES
Input / output separation
Double or reinforced galvanic isolation
SELV
IEC/EN 60950-1
PELV
IEC/EN 60204-1, EN 62477-1, IEC 60364-4-41
Class of protection
I
PE (Protective Earth) connection required
Isolation resistance
> 500MOhm
At delivered condition between input and output,
measured with 500Vdc
> 500MOhm
At delivered condition between input and PE,
measured with 500Vdc
> 500MOhm
At delivered condition between output and PE,
measured with 500Vdc
> 500MOhm
At delivered condition between output and DC-OK
contacts, measured with 500Vdc
PE resistance
< 0.1Ohm
Resistance between PE terminal and the housing in the
area of the DIN-rail mounting bracket.
Touch current (leakage current)
typ. 0.12mA / 0.31mA
At 100Vac, 50Hz, TN-,TT-mains / IT-mains
typ. 0.18mA / 0.45mA
At 120Vac, 60Hz, TN-,TT-mains / IT-mains
typ. 0.30mA / 0.76mA
At 230Vac, 50Hz, TN-,TT-mains / IT-mains
max. 0.16mA / 0.38mA
At 110Vac, 50Hz, TN-,TT-mains / IT-mains
max. 0.23mA / 0.55mA
At 132Vac, 60Hz, TN-,TT-mains / IT-mains
max. 0.39mA / 0.94mA
At 264Vac, 50Hz, TN-,TT-mains / IT-mains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com