Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R3 Datasheet(PDF) 25 Page - PULS GmbH

Part # CP20.241-R3
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R3 Datasheet(HTML) 25 Page - PULS GmbH

Back Button CP20.241-R3 Datasheet HTML 21Page - PULS GmbH CP20.241-R3 Datasheet HTML 22Page - PULS GmbH CP20.241-R3 Datasheet HTML 23Page - PULS GmbH CP20.241-R3 Datasheet HTML 24Page - PULS GmbH CP20.241-R3 Datasheet HTML 25Page - PULS GmbH CP20.241-R3 Datasheet HTML 26Page - PULS GmbH CP20.241-R3 Datasheet HTML 27Page - PULS GmbH CP20.241-R3 Datasheet HTML 28Page - PULS GmbH CP20.241-R3 Datasheet HTML 29Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
25/30
P R E L I M I N A R Y
25.2. ADJUSTING THE OUTPUT VOLTAGE
A voltage adjustment potentiometer can be found behind the flap on the front of the unit (see chapter 15). However,
it is not recommended to change the output voltage since load sharing between power supplies connected in parallel
can only be achieved by a precise setting of the output voltages. The factory settings allow precise load sharing and
only qualified personnel should change the adjustment potentiometer.
Adjustment range
min.
24 - 28V
Please note the “soft output regulation characteristic”
where the voltage at no load is approx. 4% higher
than at nominal load. See chapter 6 for details.
max.
30V
Maximum output voltage which can occur at the
clockwise end position of the potentiometer due to
tolerances. It is not a guaranteed value which can be
achieved. The typical value is about 29.5V.
Output current at 28V
nom.
20.6A
Below +45°C ambient
nom.
17.1A
At +60°C ambient
nom
13.0A
At +70°C ambient
Current values between 24V and 28V can be interpolated.
The output voltage shall only be changed when absolutely necessary, e.g. for battery charging.
25.3. CHARGING OF BATTERIES
This redundancy power supply is ideal for charging batteries due to the decoupling circuit built in to the output stage
which does not require a fuse or diode between the power supply and the battery.
It can be used to charge sealed lead acid (SLA) or valve regulated lead acid (VRLA) lead batteries when following these
instructions:
a)
Set output voltage (measured at disconnected battery) very precisely to the end-of-charge voltage. Use the
potentiometer, which is hidden behind the flap on the front of the unit.
Battery temperature
10°C
20°C
30°C
40°C
End-of-charge voltage
27.8V
27.5V
27.15V
26.8V
b)
Ensure that the ambient temperature of the power supply stays below 40°C.
c)
Use only matched batteries when putting 12V types in series.
d)
The return current to the power supply (battery discharge current) is typically 11mA when the power supply is
switched off.
25.4. BACK-FEEDING LOADS
Loads such as decelerating motors and inductors can feed voltage back to the power supply. This feature is also called
return voltage immunity or resistance against Back- E.M.F. (Electro Magnetic Force).
This power supply is resistant and does not show malfunctioning when a load feeds back voltage to the power supply.
It does not matter whether the power supply is on or off.
The maximum allowed feed-back-voltage is 35Vdc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com