Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R3 Datasheet(PDF) 7 Page - PULS GmbH

Part # CP20.241-R3
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R3 Datasheet(HTML) 7 Page - PULS GmbH

Back Button CP20.241-R3 Datasheet HTML 3Page - PULS GmbH CP20.241-R3 Datasheet HTML 4Page - PULS GmbH CP20.241-R3 Datasheet HTML 5Page - PULS GmbH CP20.241-R3 Datasheet HTML 6Page - PULS GmbH CP20.241-R3 Datasheet HTML 7Page - PULS GmbH CP20.241-R3 Datasheet HTML 8Page - PULS GmbH CP20.241-R3 Datasheet HTML 9Page - PULS GmbH CP20.241-R3 Datasheet HTML 10Page - PULS GmbH CP20.241-R3 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/30
P R E L I M I N A R Y
6. OUTPUT
Output voltage
nom.
DC 24V
0%/+6%
The device is featured with a “soft output regulation characteristic” in order to
achieve current share between multiple devices, when they are connected in
parallel. The “soft output regulation characteristic” regulates the output voltage in
such a manner that the voltage at no load is approx. 4% higher than at nominal
load.
Adjustment range
See chapter 25.2
Factory settings
typ.
24.1V
±0.2%, at full load, cold unit
typ.
25.1V
At no load, cold unit
Line regulation
max.
10mV
85-300Vac
Load regulation
typ.
1000mV
Static value, 0A
20A; see Fig. 6-1
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output current
nom.
24A1)
Below 45°C ambient temperature, see Fig. 17-1
nom.
20A
At 60°C ambient temperature, see Fig. 17-1
nom.
15A
At 70°C ambient temperature, see Fig. 17-1
typ.
60A
Up to 12ms once every five seconds, see Fig. 6-3
The output voltage stays above 20V. See chapter 25.1
for more peak current measurements.
Overload behaviour
Continuous current
Output voltage > 13Vdc, see Fig. 6-1
HiccupPLUS® mode2)
Output voltage < 13Vdc, see Fig. 6-1
Short-circuit current
min.
26A3)
Load impedance <10mOhm, see Fig. 6-1
max.
31A3)
Load impedance <10mOhm, see Fig. 6-1
max.
9.8A3)
Average (R.M.S.) current, load impedance 50mOhm,
see Fig. 6-2.
min.
55A
Up to 12ms, load impedance <10mOhm, see Fig. 6-3
typ.
70A
Up to 12ms, load impedance <10mOhm, see Fig. 6-3
Output capacitance
typ.
8 000μF
Included inside the power supply
1) Power Boost
This power/ current is continuously allowed up to an ambient temperature of 45°C.
Above 45°C, do not use this power/ current longer than a duty cycle of 10% and/ or not longer than 1 minute every 10 minutes.
2) HiccupPLUS® Mode
At heavy overloads (when output voltage falls below 13V), the power supply delivers continuous output current for 2s. After this, the
output is switched off for approx. 18s before a new start attempt is automatically performed. This cycle is repeated as long as the overload
exists. If the overload has been cleared, the device will operate normally. See Fig. 6-2.
3) Discharge current of output capacitors is not included.
Fig. 6-1 Output voltage vs. output current, typ.
Fig. 6-2 Short-circuit on output, HiccupPLUS mode, typ.
Output Voltage
0
4
8
12
28V
16
20
24
025
40A
15
5
10
20
30
35
Output Current
Continuous
current
HiccupPLUS
mode
Output
Current
0
29A
18s
t
18s
18s
2s
2s
2s
Short -circuit
Normal
operation
Normal
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com