Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S89430 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S89430
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89430 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S89430 Datasheet HTML 1Page - Seiko Instruments Inc S89430 Datasheet HTML 2Page - Seiko Instruments Inc S89430 Datasheet HTML 3Page - Seiko Instruments Inc S89430 Datasheet HTML 4Page - Seiko Instruments Inc S89430 Datasheet HTML 5Page - Seiko Instruments Inc S89430 Datasheet HTML 6Page - Seiko Instruments Inc S89430 Datasheet HTML 7Page - Seiko Instruments Inc S89430 Datasheet HTML 8Page - Seiko Instruments Inc S89430 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
MINI ANALOG SERIES 0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
Rev.2.1_01
S-89430/89431 Series
3
Product Name Structure
Users can select the product type for the S-89430/89431 Series. Refer to “1. Product name” regarding the contents
of product name, “2. Packages” regarding the package drawings and “3. Product name list” regarding the product
type.
1. Product name
(1) SC-88A
S-8943 x A C NC - xxx TF x
IC direction in tape specifications
*1
Environmental code
S:
Lead-free, halogen-free
G:
Lead-free (for details, please contact our sales office)
Product code (abbreviation)
*2
Package name (abbreviation)
NC:
SC-88A
Number of circuits
A:
1
Input offset voltage
0:
VIO = 10.0 mV Max.
1:
VIO = 5.0 mV Max.
*1.
Refer to the tape drawing.
*2.
Refer to “3. Product name list”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com