Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S89430 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S89430
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89430 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S89430 Datasheet HTML 1Page - Seiko Instruments Inc S89430 Datasheet HTML 2Page - Seiko Instruments Inc S89430 Datasheet HTML 3Page - Seiko Instruments Inc S89430 Datasheet HTML 4Page - Seiko Instruments Inc S89430 Datasheet HTML 5Page - Seiko Instruments Inc S89430 Datasheet HTML 6Page - Seiko Instruments Inc S89430 Datasheet HTML 7Page - Seiko Instruments Inc S89430 Datasheet HTML 8Page - Seiko Instruments Inc S89430 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
MINI ANALOG SERIES 0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430/89431 Series
Rev.2.1_01
4
(2) SOT-23-5
S-8943 x A C MC - xxx T2 x
IC direction in tape specifications
*1
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G:
Lead-free (for details, please contact our sales office)
Product code (abbreviation)
*2
Package name (abbreviation)
MC:
SOT-23-5
Number of circuits
A:
1
Input offset voltage
0:
VIO = 10.0 mV Max.
1:
VIO = 5.0 mV Max.
*1.
Refer to the tape drawing.
*2.
Refer to “3. Product name list”.
(3) SNT-8A, TMSOP-8
S-8943 x B C xx - xxx TF U
IC direction in tape specifications
*1
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Product code (abbreviation)
*2
Package name (abbreviation)
PH:
SNT-8A
FM:
TMSOP-8
Number of circuits
B:
2
Input offset voltage
0:
VIO = 10.0 mV Max.
1:
VIO = 5.0 mV Max.
*1.
Refer to the tape drawing.
*2.
Refer to “3. Product name list”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com