Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S89430 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S89430
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89430 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S89430 Datasheet HTML 10Page - Seiko Instruments Inc S89430 Datasheet HTML 11Page - Seiko Instruments Inc S89430 Datasheet HTML 12Page - Seiko Instruments Inc S89430 Datasheet HTML 13Page - Seiko Instruments Inc S89430 Datasheet HTML 14Page - Seiko Instruments Inc S89430 Datasheet HTML 15Page - Seiko Instruments Inc S89430 Datasheet HTML 16Page - Seiko Instruments Inc S89430 Datasheet HTML 17Page - Seiko Instruments Inc S89430 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
MINI ANALOG SERIES 0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430/89431 Series
Rev.2.1_01
14
9. Voltage gain (open loop)
RF
RS
+
−
RL
VOUT
VM
VDD / 2
VDD
−
+
VDDN
VSSN
NULL
D.U.T
RS
RF
VCMR = VDD / 2
Figure 16
• Voltage gain (open loop) (AVOL)
The voltage gain (AVOL) can be calculated by the following expression, with VOUT measured at each VM.
Test conditions:
When VM = VDD
− 0.1 V: VM = VM1, VOUT = VOUT1,
When VM = VSS
− 0.1 V: VM = VM2, VOUT = VOUT2
RL = 1 M
Ω
AVOL = 20 log
VM1
− VM2
VOUT1
− VOUT2 ×
RF
+ RS
RS
10. Slew rate (SR)
Measured by the voltage follower circuit.
VDD
VSS
(= 0 V)
tTHL
VDD
× 0.9
tR = tF = 1
μs (VSS to VDD)
tTLH
VDD
× 0.1
VIN(+)
VOUT
(= VIN(-))
At fall
SR =
VDD
× 0.8
tTHL
At rise
SR =
VDD
× 0.8
tTLH
Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com