Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S89430 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S89430
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89430 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S89430 Datasheet HTML 1Page - Seiko Instruments Inc S89430 Datasheet HTML 2Page - Seiko Instruments Inc S89430 Datasheet HTML 3Page - Seiko Instruments Inc S89430 Datasheet HTML 4Page - Seiko Instruments Inc S89430 Datasheet HTML 5Page - Seiko Instruments Inc S89430 Datasheet HTML 6Page - Seiko Instruments Inc S89430 Datasheet HTML 7Page - Seiko Instruments Inc S89430 Datasheet HTML 8Page - Seiko Instruments Inc S89430 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
MINI ANALOG SERIES 0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
Rev.2.1_01
S-89430/89431 Series
5
2. Packages
Package Name
Drawing Code
Package
Tape
Reel
Land
SC-88A
NP005-B-P-SD
NP005-B-C-SD
NP005-B-R-SD
−
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
−
SNT-8A
PH008-A-P-SD
PH008-A-C-SD
PH008-A-R-SD
PH008-A-L-SD
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
−
3. Product name list
Table 1
Product name
Input offset voltage
Number of circuits
Package
S-89430ACNC-HBUTFz
10 mV Max.
1
SC-88A
S-89430ACMC-HBUT2x
10 mV Max.
1
SOT-23-5
S-89430BCPH-H4CTFU
10 mV Max.
2
SNT-8A
S-89430BCFM-H4CTFU
10 mV Max.
2
TMSOP-8
S-89431ACNC-HBVTFz
5 mV Max.
1
SC-88A
S-89431ACMC-HBVT2x
5 mV Max.
1
SOT-23-5
S-89431BCPH-H4DTFU
5 mV Max.
2
SNT-8A
S-89431BCFM-H4DTFU
5 mV Max.
2
TMSOP-8
Remark1. x: G or U
2. z: G or S
3. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com