Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S89430 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S89430
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89430 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S89430 Datasheet HTML 1Page - Seiko Instruments Inc S89430 Datasheet HTML 2Page - Seiko Instruments Inc S89430 Datasheet HTML 3Page - Seiko Instruments Inc S89430 Datasheet HTML 4Page - Seiko Instruments Inc S89430 Datasheet HTML 5Page - Seiko Instruments Inc S89430 Datasheet HTML 6Page - Seiko Instruments Inc S89430 Datasheet HTML 7Page - Seiko Instruments Inc S89430 Datasheet HTML 8Page - Seiko Instruments Inc S89430 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
S-89430/89431 Series
www.sii-ic.com
MINI ANALOG SERIES
0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
© SII Semiconductor Corporation, 2009-2015
Rev.2.1_01
1
The mini-analog series is a group of ICs that incorporate a general purpose analog circuit in a small package.
The S-89430/89431 Series is a CMOS type operational amplifier that feature Rail-to-Rail*1 I/O and an internal phase
compensation circuit, and operates at a lower voltage with lower current consumption. These features make this product
the ideal solution for small battery-powered portable equipment.
These features enable driving at a lower voltage (from 0.9 V) and with lower current consumption (0.5
μA).
The S-89430A/89431A Series is a single operational amplifier (one circuit).
The S-89430B/89431B Series is a dual operational amplifier (two circuits).
*1. Rail-to-Rail is a trademark of Motorola, Inc.
Features
• Lower operating voltage than the conventional general-purpose:
VDD = 0.9 V to 5.5 V
• Low current consumption (per circuit):
IDD = 0.5
μA Typ.
• Wide I/O voltage range (Rail-to-Rail):
VCMR = VSS to VDD
• Low input offset voltage:
VIO = 10.0 mV Max. (S-89430 Series)
VIO = 5.0 mV Max. (S-89431 Series)
• No external capacitors required for internal phase compensation
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Mobile phone
• Notebook PC
• Digital camera
• Digital video camera
Packages
• SC-88A
• SOT-23-5
• SNT-8A
• TMSOP-8


Similar Part No. - S89430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S894-10-068-00-240000 ETC1-S894-10-068-00-240000 Datasheet
81Kb / 1P
68 POS. PLCC ADAPTER
S894-10-068-00-240100 ETC1-S894-10-068-00-240100 Datasheet
81Kb / 1P
68 POS. PLCC ADAPTER
S894-10-068-00-241000 ETC1-S894-10-068-00-241000 Datasheet
81Kb / 1P
68 POS. PLCC ADAPTER
S894-10-068-00-241100 ETC1-S894-10-068-00-241100 Datasheet
81Kb / 1P
68 POS. PLCC ADAPTER
S894-90-068-00-240000 ETC1-S894-90-068-00-240000 Datasheet
81Kb / 1P
68 POS. PLCC ADAPTER
More results

Similar Description - S89430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP186 AD-OP186 Datasheet
189Kb / 12P
5 uA, Rail-to-Rail Output Operational Amplifier
REV.0
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
Seiko Instruments Inc
S-89430A SII-S-89430A Datasheet
472Kb / 23P
MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
CMOS Rail-to-Rail Operational Amplifier
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
Seiko Instruments Inc
S89530A SII-S89530A Datasheet
981Kb / 16P
MINI ANALOG SERIES 0.7 uA Rail-to-Rail CMOS COMPARATOR
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com