Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9138ASB1 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9138ASB1
Description  ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9138ASB1 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9138ASB1 Datasheet HTML 1Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 2Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 3Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 4Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 5Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 6Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 7Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 8Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 (10)
DA9138.005
12 April, 2006
ELECTRICAL CHARACTERISTICS
Inputs
(test conditions: -40oC to 85oC)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input low voltage
VIL
VDD=5V, VSS=0V
0.8
V
VDD=3.3V, VSS=0V
0.4
V
Input high voltage
VIH
VDD=5V, VSS=0V
2
V
VDD=3.3V, VSS=0V
1.4
V
Input leakage current
IIL
VDD=5V, VSS=0V
-100
µA
VDD=3.3V, VSS=0V
-100
µA
Input capacitance load
CI
VDD=5V, VSS=0V
1
pF
VDD=3.3V, VSS=0V
1
pF
Internal pull-up resistor for
digital inputs
Rpull-up
VDD=5V, VSS=0V, VIN=0.4V
150
k
VDD=5V, VSS=0V, VIN=2.5V
300
k
VDD=3.3V, VSS=0V,
VIN=0.4V
200
275
350
k
VDD=3.3V, VSS=0V,
VIN=1.5V
600
1000
1500
k
Outputs (TDO, RDO)
(test conditions: -40oC to 85oC)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output low voltage
VOL
VDD=5V, VSS=0V, IOL=+1.8mA
0.4
V
VDD=3.3V, VSS=0V,
IOL=+0.6mA
0.2
V
Output high voltage
VOH
VDD=5V, VSS=0V, IOL=-4.3mA
3.0
V
VDD=3.3V, VSS=0V, IOL=-
2.1mA
1.8
V
Outputs (OSC)
(test conditions: -40oC to 85oC)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output low voltage
VOL
VDD=5V, VSS=0V, IOL=+0.5mA
0.4
V
VDD=3.3V, VSS=0V,
IOL=+0.19mA
0.2
V
Output high voltage
VOH
VDD=5V, VSS=0V, IOL=-1.4mA
3.0
V
VDD=3.3V, VSS=0V, IOL=-
0.7mA
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com