Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9138ASB1 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9138ASB1
Description  ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9138ASB1 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS9138ASB1 Datasheet HTML 2Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 3Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 4Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 5Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 6Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 7Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 8Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 9Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 (10)
DA9138.005
12 April, 2006
FUNCTIONS
Asynchronous to synchronous converter
The
synchronous
start-stop
character,
TDI
(transmitter data input), is read into the Tx buffer.
When the character is available the data bits are
transferred as TDO (transmitter data output) with the
synchronous timing signal TXC (transmitter clock).
The bit rate of TDI must be the same as the TDO rate
within -2.5%...+1% or -2.5%...+2.3% tolerance
depending on XESR (extended signalling rate) signal.
The transmitter adds extra stop bits to the
synchronous data stream, if TDI is slower than TDO.
The over speed is handled by deleting one stop bit in
every 8th character at maximum in the synchronous
output data TDO. When extended signal rate (XESR =
0) is used 4th stop bit may be deleted. When the
transmitter detects a break signal( at least M bits of
start polarity, where M is length of character), it sends
2M + 3 bits of start - polarity to TDO. If the break is
longer than 2M + 3 bits, then all bits are transferred to
TDO. After a break signal, at least 2M bits of stop
polarity must be transmitted before sending further
data.
Synchronous to asynchronous converter
The synchronous RDI (receiver data input) is buffered
to recognize the stop and start bits. If a missing stop
bit is detected, it is added to the RDO (receiver data
output). In this case the stop bits are shortened 12.5%
(25% if XESR = 0) during each character. When the
receiver gets at least 2M + 3 bits of start polarity, it
does not add stop bits to RDO. This enables the break
signal to go through the buffer.
Converting with higher speed timing
An alternative method to handle the over speed in
asynchronous data is to boost synchronous timing
TXC and RXC by 1-2%. In this mode XHST (higher
speed timing) = 0. In this case there is no need to
delete any stop bits in the transmitter buffer. The
break signal goes through unchanged. On the receiver
side the synchronous data, RDI, is transferred directly
to the asynchronous output RDO with RXC.
Timing selection
The MAS9138 requires clock signals in order to
function properly. The synchronous data transfer
always requires the TXC clock. The clock is used
internally for:
-shifting data out from the TX buffer (to pin TDO)
-detection of the bit rate in order to adjust the internal
baud rate generator (only if TSL = 1)
The asynchronous data transfer (pins TDI, TDO) is
accomplished by generating an internal timing signal
for the asychronous circuits. This internal timing signal
(16T) is 16 times the TXC bit rate in order to sample
the asynchronous data stream (TDI) at the proper
speed. The internal clock 16T is either generated from
a crystal frequency by dividing it by 8, 16, 21 1/3, 25
3/5, 32, 42 2/3,64,128,256 or 512. Or it can also be
generated externally and fed to pin TMG (TSL = 0).
This is especially useful if the system already
generates a clock which is 16 times the bit clock TXC
as shown or if the bit rate is higher than 38.4 kHz. The
divider is automatically selected by internal logic by
measuring the TXC clock speed (TSL = 1). A crystal
oscillator or a resonator can also be connected
between pins 2 and 3. The crystal frequency should
be 128 x TXCmax.
16 x TXC
TXC
Timing Circuits
MAS 9138
EXTERNALLY GENERATED 16T CLOCK
Character Length CL1,CL2
CL1
CL2
Conditions
1
0
8 bits
0
0
9 bits
1
1
10 bits
0
1
11 bits



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com