Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9138ASB1 Datasheet (PDF) - Micro Analog systems

MAS9138ASB1 Datasheet PDF - Micro Analog systems
Part # MAS9138ASB1
Download  MAS9138ASB1 Download
File Size   171.44 Kbytes
Page   10 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description ASYNCHRONOUS TO SYNCHRONOUS CONVERTER

MAS9138ASB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9138ASB1 Datasheet PDF - Micro Analog systems

Part # MAS9138ASB1
Download  MAS9138ASB1 Click to download

File Size   171.44 Kbytes
Page   10 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description ASYNCHRONOUS TO SYNCHRONOUS CONVERTER

MAS9138ASB1 Datasheet (HTML) - Micro Analog systems


MAS9138ASB1 Product details

DESCRIPTION
MAS9138 is a single chip duplex asynchronous to synchronous converter. It converts asynchronous start stop characters to synchronous format, with stop bit deletion when required as defined in the CCITT recommendation V.14. On the receiver channel MAS9138 converts the incoming synchronous data to asynchronous start stop character format with stop bit insertion when required as defined in the CCITT recommendation V.14.

FEATURES
• Implements CCITT recommendation V.14
• Bypass operation
• Character length from 8 to 11 bits including start stop and parity bits
• CMOS and LS-TTL compatible interface
• Low power consumption (typically 10 mW)
• No additional circuitry needed to perform conversion
• Single +3.3...+5V supply
• Operating temperature -40oC to 85oC
• 16-pin PDIP and SO package

APPLICATION
• Data communication systems
• Adapts asynchronous terminals to synchronous modems
• Full or half card PC modems using UART as a data source
• Simplifying data multiplexing systems




Similar Part No. - MAS9138ASB1

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AAHV06 MAS-MAS9116AAHV06 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AASD06 MAS-MAS9116AASD06 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AASD08 MAS-MAS9116AASD08 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116ASBA MAS-MAS9116ASBA Datasheet
1Mb / 18P
Stereo Digital Volume Control
More results


Similar Description - MAS9138ASB1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
Asynchronous Sample Rate Converter
SM8513 NPC-SM8513 Datasheet
329Kb / 13P
Synchronous/Asynchronous Converter LSI
logo
Micro Analog systems
MAS7838 MAS-MAS7838 Datasheet
110Kb / 9P
SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
logo
LANSDALE Semiconductor ...
ML145428 LANSDALE-ML145428 Datasheet
1Mb / 14P
Asynchronous-to-Synchronous and Synchronous-to-Asynchronous Converter
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
logo
Richtek Technology Corp...
RT4533 RICHTEK-RT4533 Datasheet
142Kb / 11P
Asynchronous Boost Converter
logo
Major-Power Technology ...
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
750KHz Asynchronous Boost Converter
logo
Fitipower Integrated Te...
FR9701 FITIPOWER-FR9701 Datasheet
698Kb / 12P
23V, 2A, 600KHz Asynchronous Synchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com