Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9138ASB1 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9138ASB1
Description  ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9138ASB1 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9138ASB1 Datasheet HTML 1Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 2Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 3Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 4Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 5Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 6Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 7Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 8Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 (10)
DA9138.005
12 April, 2006
Data timing
(test conditions:VDD=3.3V - 5V, VSS=0V, -40oC to 85oC)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Low to high logic transition
time
tR
CL = 10pF
20
ns
High to low logic transition
time
tR
CL = 10 pF
20
ns
(test conditions:VDD=3.3V - 5V, VSS=0V, -40oC to 85oC, TSL = 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TDO delay time after TXC
T1
50
TTXC/16
+ 350
ns
RDI setup time before RXC
T2
1/4
TRXC
ns
RDI hold time after RXC
T3
1/4
TRXC
ns
(test conditions:VDD=3.3V - 5V, VSS=0V, -40oC to 85oC, TSL = 0, TMG = 16xTXC)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TDO delay time after TXC
T1
50
1/TMG
+ 350
ns
RDI setup time before RXC
T2
1/4
TRXC
ns
RDI hold time after RXC
T3
1/4
TRXC
ns
TIMING DIAGRAMS
The MAS9138 shifts the data out with rising edge of TXC. The data from RDI is read in with falling edge of RXC.
TRXC
T2
T3
RXC
RDI
TXC
TDO
TTXC
delay
T1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com