Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9138ASB1 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS9138ASB1
Description  ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9138ASB1 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS9138ASB1 Datasheet HTML 2Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 3Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 4Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 5Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 6Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 7Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 8Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 9Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 (10)
DA9138.005
12 April, 2006
APPLICATION INFORMATION
Data multiplexer
A third application is a data multiplexing/demultiplexing system. The system accepts data from several sources.
These data lines are sampled and the samples are sent through a multiplexer to a demultiplexer. To accomplish this,
either a very high sample rate is needed or first convert the data to synchronous mode, where synchronous
multiplexing can be used and only one sample per data bit is needed.
MAS9138
MAS9138
1
1
2
2
N
N
TDI
RDO
MAS9138
MAS9138
TDI
RDO
TDO
TDO
RDI
RDI
FORWARD
BACKWARD
MUX/
DEMUX
MUX/
DEMUX
TIMING
CH 1
CH 2
CH N
Synchronous modem with asynchronous interface
The following application shows how to add an asynchronous interface to a synchronous modem with MAS9138. TSL
and XHST inputs (pins 1 and 12) are connected to VDD. If the crystal is removed and the external 16 x TXC clock
signal is used (dotted line) then tie the TSL input to ground. CL1, Cl2, XASY and XHST are user adjustable with
jumpers or dip switches.
TTL/V28
78189A
TTL/V28
75189A
RS232C
TXD
RXD
Ext. Signal Rate
Char. Length
Char. Length
ASY/SYN Select
mode
selection
jumpers
TSL
XHST
+5v
-12v
+12v
*) Optional timing from the
synchronous modem.
In this case CR 1 can be
eliminated.
MAS9138 simplified application:
V.28 interface for synchronous modem
+5v
7
5
6
1
2
3
4
8
9
10
11
12
13
14
15
16
TDO
TTL-Level
TXC
TTL-Level
RDI
TTL-Level
RXC
TTL-Level
22pF
CR 1
9.8304MHz
22pF
Modem
Timing
Circuit
16 x TXC
*)
TXC
RXC
MAS9138
Synchronous
Modem
470pF
470pF
TDI
RDO



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com