Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2852 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2852
Description  2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2852 Datasheet HTML 1Page - National Semiconductor (TI) LM2852 Datasheet HTML 2Page - National Semiconductor (TI) LM2852 Datasheet HTML 3Page - National Semiconductor (TI) LM2852 Datasheet HTML 4Page - National Semiconductor (TI) LM2852 Datasheet HTML 5Page - National Semiconductor (TI) LM2852 Datasheet HTML 6Page - National Semiconductor (TI) LM2852 Datasheet HTML 7Page - National Semiconductor (TI) LM2852 Datasheet HTML 8Page - National Semiconductor (TI) LM2852 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Ordering Information
Order Number
Frequency
Voltage Option
Package Type
Package Drawing
Supplied As
LM2852YMXA-1.0
500kHz
1.0
TSSOP-14 exposed pad
MXA14A
94 Units, Rail
LM2852YMXAX-1.0
2500 Units, Tape and
Reel
LM2852YMXA-1.2
1.2
94 Units, Rail
LM2852YMXAX-1.2
2500 Units, Tape and
Reel
LM2852YMXA-1.5
1.5
94 Units, Rail
LM2852YMXAX-1.5
2500 Units, Tape and
Reel
LM2852YMXA-1.8
1.8
94 Units, Rail
LM2852YMXAX-1.8
2500 Units, Tape and
Reel
LM2852YMXA-2.5
2.5
94 Units, Rail
LM2852YMXAX-2.5
2500 Units, Tape and
Reel
LM2852YMXA-3.3
3.3
94 Units, Rail
LM2852YMXAX-3.3
2500 Units, Tape and
Reel
LM2852XMXA-1.0
1500kHz
1.0
Coming Soon
LM2852XMXAX-1.0
LM2852XMXA-1.2
1.2
LM2852XMXAX-1.2
LM2852XMXA-1.5
1.5
LM2852XMXAX-1.5
LM2852XMXA-1.8
1.8
LM2852XMXAX-1.8
LM2852XMXA-2.5
2.5
LM2852XMXAX-2.5
LM2852XMXA-3.3
3.3
LM2852XMXAX-3.3
Note: Contact factory for other voltage options.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com