Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2852 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2852
Description  2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2852 Datasheet HTML 1Page - National Semiconductor (TI) LM2852 Datasheet HTML 2Page - National Semiconductor (TI) LM2852 Datasheet HTML 3Page - National Semiconductor (TI) LM2852 Datasheet HTML 4Page - National Semiconductor (TI) LM2852 Datasheet HTML 5Page - National Semiconductor (TI) LM2852 Datasheet HTML 6Page - National Semiconductor (TI) LM2852 Datasheet HTML 7Page - National Semiconductor (TI) LM2852 Datasheet HTML 8Page - National Semiconductor (TI) LM2852 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagram
TOP VIEW
20127003
MXA14A
Pin Descriptions
AVIN (Pin 1): Chip bias input pin. This provides power to the
logic of the chip. Connect to the input voltage or a separate
rail.
EN (Pin 2): Enable. Connect this pin to ground to disable the
chip, connect to AVIN or leave floating to enable the chip;
enable is internally pulled up.
SGND (Pin 3): Low-noise ground.
SS (Pin 4): Soft-start pin. Connect this pin to a small capaci-
tor to control startup and soften inrush current. The soft-start
capacitance range is restricted to values 1 nF to 50 nF.
NC (Pins 5, 12 and 13): No-connect. These pins must be
tied to ground or left floating in the application.
PVIN (Pins 6, 7): Input supply pin. PVIN is connected to the
input voltage. This rail connects to the source of the internal
power PFET.
SW (Pins 8, 9): Switch pin. Connect to the output inductor.
PGND (Pins 10, 11): Power ground. Connect this to an
internal ground plane or other large ground plane.
SNS (Pin 14): Output voltage sense pin. Connect this pin to
the output voltage as close to the load as possible.
Exposed Pad: Connect to ground.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com