Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2852 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2852
Description  2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2852 Datasheet HTML 5Page - National Semiconductor (TI) LM2852 Datasheet HTML 6Page - National Semiconductor (TI) LM2852 Datasheet HTML 7Page - National Semiconductor (TI) LM2852 Datasheet HTML 8Page - National Semiconductor (TI) LM2852 Datasheet HTML 9Page - National Semiconductor (TI) LM2852 Datasheet HTML 10Page - National Semiconductor (TI) LM2852 Datasheet HTML 11Page - National Semiconductor (TI) LM2852 Datasheet HTML 12Page - National Semiconductor (TI) LM2852 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Applications Information (Continued)
TABLE 2. (LM2852Y Output Filter Inductors (500kHz)
Inductance (µH)
Part Number
Vendor
6.8
DO3316P-682
Coilcraft
7
MSS1038-702NBC
Coilcraft
10
DO3316P-103
Coilcraft
10
MSS1038-103NBC
Coilcraft
12
MSS1038-123NBC
Coilcraft
15
D03316P-153
Coilcraft
15
MSS1038-153NBC
Coilcraft
18
MSS1038-183NBC
Coilcraft
22
DO3316P-223
Coilcraft
22
MSS1038-223NBC
Coilcraft
22
DO3340P-223
Coilcraft
27
MSS1038-273NBC
Coilcraft
33
MSS1038-333NBC
Coilcraft
33
DO3340P-333
Coilcraft
OUTPUT FILTER CAPACITORS
The capacitors that may be used in the output filter with the
LM2852 are limited in value and ESR range according to
Table 1. Below are some examples of capacitors that can
typically be used in an LM2852 application.
TABLE 3. LM2852Y Output Filter Capacitors (500kHz)
Capacitance (µF)
Part Number
Chemistry
Vendor
68
595D686X_010C2T
Tantalum
Vishay - Sprague
68
595D686X_016D2T
Tantalum
Vishay - Sprague
100
595D017X_6R3C2T
Tantalum
Vishay - Sprague
100
595D107X_016D2T
Tantalum
Vishay - Sprague
100
NOSC107M004R0150
Niobium Oxide
AVX
100
NOSD107M006R0100
Niobium Oxide
AVX
120
595D127X_004C2T
Tantalum
Vishay - Sprague
120
595D127X_010D2T
Tantalum
Vishay - Sprague
150
595D157X_004C2T
Tantalum
Vishay - Sprague
150
595D157X_016D2T
Tantalum
Vishay - Sprague
150
NOSC157M004R0150
Niobium Oxide
AVX
150
NOSD157M006R0100
Niobium Oxide
AVX
220
595D227X_004D2T
Tantalum
Vishay - Sprague
220
NOSD227M004R0100
Niobium Oxide
AVX
220
NOSE227M006R0100
Niobium Oxide
AVX
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com