Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2852 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2852
Description  2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2852 Datasheet HTML 5Page - National Semiconductor (TI) LM2852 Datasheet HTML 6Page - National Semiconductor (TI) LM2852 Datasheet HTML 7Page - National Semiconductor (TI) LM2852 Datasheet HTML 8Page - National Semiconductor (TI) LM2852 Datasheet HTML 9Page - National Semiconductor (TI) LM2852 Datasheet HTML 10Page - National Semiconductor (TI) LM2852 Datasheet HTML 11Page - National Semiconductor (TI) LM2852 Datasheet HTML 12Page - National Semiconductor (TI) LM2852 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Applications Information (Continued)
SOFT-START CAPACITOR (C
SS) AND FAULT
CONDITIONS
Various fault conditions such as short circuit and UVLO of
the LM2852 activate internal circuitry designed to control the
voltage on the soft-start capacitor. For example, during a
short circuit current limit event, the output voltage typically
falls to a low voltage. During this time, the soft-start voltage
is forced to track the output so that once the short is re-
moved, the LM2852 can restart gracefully from whatever
voltage the output reached during the short circuit event. The
range of soft-start capacitors is therefore restricted to values
1nF to 50nF.
COMPENSATION
The LM2852 provides a highly integrated solution to power
supply design. The compensation of the LM2852, which is
type three, is included on-chip. The benefit to integrated
compensation is straight-forward, simple power supply de-
sign. Since the output filter capacitor and inductor values
impact the compensation of the control loop, the range of L,
C and C
ESR values is restricted in order to ensure stability.
OUTPUT FILTER VALUES
Table 1 details the recommended inductor and capacitor
ranges for the LM2852 that are suggested for various typical
output voltages. Values slightly different than those recom-
mended may be used, however the phase margin of the
power supply may be degraded.
TABLE 1. Output Filter Values
Frequency Option
V
OUT (V)
PVIN (V)
L (µH)
C (µF)
C
ESR (m
Ω)
Min
Max
Min
Max
Min
Max
LM2852Y
(500kHz)
0.8
3.3
10
15
100
220
70
200
0.8
5
10
15
100
120
70
200
1
3.3
10
15
100
180
70
200
1
5
10
15
100
180
70
200
1.2
3.3
10
15
100
180
70
200
1.2
5
15
22
100
120
70
200
1.5
3.3
10
15
100
120
70
200
1.5
5
22
22
100
120
70
200
1.8
3.3
10
15
100
120
100
200
1.8
5
22
33
100
120
100
200
2.5
3.3
6.8
10
68
120
95
275
2.5
5
15
22
68
120
95
275
3.3
5
15
22
68
100
100
275
CHOOSING AN INDUCTANCE VALUE
The current ripple present in the output filter inductor is
determined by the input voltage, output voltage, switching
frequency and inductance according to the following equa-
tion:
where
∆I
L is the peak to peak current ripple, D is the duty
cycle V
OUT/VIN,VIN is the input voltage applied to the output
stage, V
OUT is the output voltage of the switcher, f is the
switching frequency and L is the inductance of the output
filter inductor. Knowing the current ripple is important for
inductor selection since the peak current through the induc-
tor is the load current plus one half the ripple current. Care
must be taken to ensure the peak inductor current does not
reach a level high enough to trip the current limit circuitry of
the LM2852.
As an example, consider a 5V to 1.2V conversion and a
500kHz switching frequency. According to Table 1, a 15µH
inductor may be used. Calculating the expected peak-to-
peak ripple,
The maximum inductor current for a 2A load would therefore
be 2A plus 60.8 mA, 2.0608A. As shown in the ripple equa-
tion, the current ripple is inversely proportional to induc-
tance.
OUTPUT FILTER INDUCTORS
Once the inductance value is chosen, the key parameter for
selecting the output filter inductor is its saturation current
(I
sat) specification. Typically Isat is given by the manufacturer
as the current at which the inductance of the coil falls to a
certain percentage of the nominal inductance. The I
sat of an
inductor used in an application should be greater than the
maximum expected inductor current to avoid saturation. Be-
low is a table of inductors that may be suitable in LM2852
applications.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com