Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2852 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2852
Description  2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2852 Datasheet HTML 1Page - National Semiconductor (TI) LM2852 Datasheet HTML 2Page - National Semiconductor (TI) LM2852 Datasheet HTML 3Page - National Semiconductor (TI) LM2852 Datasheet HTML 4Page - National Semiconductor (TI) LM2852 Datasheet HTML 5Page - National Semiconductor (TI) LM2852 Datasheet HTML 6Page - National Semiconductor (TI) LM2852 Datasheet HTML 7Page - National Semiconductor (TI) LM2852 Datasheet HTML 8Page - National Semiconductor (TI) LM2852 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics AVIN = PVIN = 5V unless otherwise indicated under the Conditions column.
Typicals and limits appearing in plain type apply for T
A =TJ = +25˚C. Limits appearing in boldface type apply over full
Operating Junction Temperature Range (−40˚C to +125˚C). Datasheet min/max specification limits are guaranteed by design,
test, or statistical analysis. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ENABLE CONTROL
4
V
IH
EN Pin Minimum
High Input
75
%of
AVIN
V
IL
EN Pin Maximum
Low Input
25
%of
AVIN
I
EN
EN Pin Pullup
Current
EN = 0V
1.2
µA
THERMAL CONTROLS
T
SD
T
J for Thermal
Shutdown
165
˚C
T
SD-hys
Hysteresis for
Thermal Shutdown
10
˚C
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for which the device is
intended to be functional, but does not guarantee specfic performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Human body model: 1.5k
Ω in series with 100pF. SW and PVIN pins are derated to 1.5kV
Note 3: VOUT measured in a non-switching, closed-loop configuration at the SNS pin.
Note 4: The enable pin is internally pulled up, so the LM2852 is automatically enabled unless an external enable voltage is applied.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com