Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8980
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8980 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
49
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
OUT3MUTE
0
0 = Output stage outputs OUT3 mixer
1 = Output stage muted – drives out
VMID. Can be used as VMID buffer in
this mode.
3
OUT4_2OUT3
0
OUT4 mixer output to OUT3
0 = disabled
1= enabled
2
BYPL2OUT3
0
Left ADC input to OUT3
0 = disabled
1= enabled
1
LMIX2OUT3
0
Left DAC mixer to OUT3
0 = disabled
1= enabled
R56
OUT3 mixer
control
0
LDAC2OUT3
1
Left DAC output to OUT3
0 = disabled
1= enabled
6
OUT4MUTE
0
0 = Output stage outputs OUT4 mixer
1 = Output stage muted – drives out
VMID. Can be used as VMID buffer in
this mode.
5
HALFSIG
0
0=OUT4 normal output
1=OUT4 attenuated by 6dB
4
LMIX2OUT4
0
Left DAC mixer to OUT4
0 = disabled
1= enabled
3
LDAC2OUT4
0
Left DAC to OUT4
0 = disabled
1= enabled
2
BYPR2OUT4
0
Right ADC input to OUT4
0 = disabled
1= enabled
1
RMIX2OUT4
0
Right DAC mixer to OUT4
0 = disabled
1= enabled
R57
OUT4 mixer
control
0
RDAC2OUT4
1
Right DAC output to OUT4
0 = disabled
1= enabled
Table 37 OUT3/OUT4 Mixer Registers
The OUT3 and OUT4 output stages each have a selectable gain boost of 1.5x (3.52dB). When this
boost is enabled the output DC level is also level shifted (from AVDD/2 to 1.5xAVDD/2) to prevent
the signal from clipping. A dedicated amplifier BUFDCOP, as shown in Figure 20, is used to perform
the DC level shift operation. This buffer must be enabled using the BUFDCOPEN register bit for this
operating mode. It should also be noted that if SPKVDD is not equal to or greater than 1.5xAVDD
this boost mode may result in signals clipping. Table 34 summarises the effect of the OUT3BOOST
and OUT4BOOST control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com