Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980 Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8980
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8980 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
69
Table 53 shows the estimated 3.3V AVDD current drawn by various circuits, by register bit.
REGISTER BIT
AVDD CURRENT (MILLIAMPS)
BUFDCOPEN
0.1
OUT4MIXEN
0.2
OUT3MIXEN
0.2
PLLEN
1.4 (with clocks applied)
MICBEN
0.5
BIASEN
0.3
BUFIOEN
0.1
VMIDSEL
10K=>0.3, less than 0.1 for 100k/500k
ROUT1EN
0.4
LOUT1EN
0.4
BOOSTENR
0.2
BOOSTENL
0.2
INPPGAENR
0.2
INPPGAENL
0.2
ADCENR
x64 (ADCOSR=0)=>2.6, x128 (ADCOSR=1)=>4.9
ADCENL
x64 (ADCOSR=0)=>2.6, x128 (ADCOSR=1)=>4.9
OUT4EN
0.2
OUT3EN
0.2
LOUT2EN
1mA from SPKVDD + 0.2mA from AVDD in 5V mode
ROUT2EN
1mA from SPKVDD + 0.2mA from AVDD in 5V mode
RMIXEN
0.2
LMIXEN
0.2
DACENR
x64 (DACOSR=0)=>1.8, x128(DACOSR=1)=>1.9
DACENL
x64 (DACOSR=0)=>1.8, x128(DACOSR=1)=>1.9
Table 59 AVDD Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com