Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8980
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8980 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
w
WM8980
Stereo CODEC With Speaker Driver and Video Buffer
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Product Preview, January 2005, Rev 1.6
Copyright
2005 Wolfson Microelectronics plc.
DESCRIPTION
The WM8980 is a low power, high quality stereo codec with
integrated video buffer designed for portable applications such
as Digital still camera or Digital Camcorder.
The device integrates preamps for stereo differential mics, and
includes drivers for speakers, headphone and differential or
stereo line output. External component requirements are
reduced as no separate microphone or headphone amplifiers
are required.
An integrated video buffer is provided which has programmable
gain from 0-6dB, sync-tip clamp and a 3
rd order input low pass
filter for signal re-construction.
Advanced on-chip digital signal processing includes a 5-band
equaliser, a mixed signal Automatic Level Control for the
microphone or line input through the ADC as well as a purely
digital limiter function for record or playback. Additional digital
filtering options are available in the ADC path, to cater for
application filtering such as ‘wind noise reduction’.
The WM8980 CODEC can operate as a master or a slave. An
internal PLL can generate all required audio clocks for the
Codec from common reference clock frequencies, such as
12MHz and 13MHz.
The WM8980 operates at analogue supply voltages from 2.5V
to 3.3V, although the digital core can operate at voltages down
to 1.62V to save power. The speaker outputs and OUT3/4 line
outputs can run from a 5V supply if increased output power is
required. Individual sections of the chip can also be powered
down under software control.
FEATURES
•
Stereo Codec:
•
DAC SNR 98dB, THD -84dB (‘A’ weighted @ 48kHz)
•
ADC SNR 90dB, THD -80dB (‘A’ weighted @ 48kHz)
•
On-chip Headphone Driver with ‘capless’ option
-
40mW output power into 16
Ω / 3.3V SPKVDD
•
0.9W output power into 8
Ω BTL speaker / 5V SPKVDD
-
Capable of driving piezo speakers
-
Stereo speaker drive configuration
•
Mic Preamps:
•
Stereo Differential or mono microphone Interfaces
-
Programmable preamp gain
-
Psuedo differential inputs with common mode rejection
-
Programmable ALC / Noise Gate in ADC path
•
Low-noise bias supplied for electret microphones
•
Other features:
•
Integrated 0-6dB video buffer with LPF filter and clamp.
•
Enhanced 3-D function for improved stereo separation
•
Digital playback limiter
•
5-band Equaliser (record or playback)
•
Programmable ADC High Pass Filter (wind noise reduction)
•
Programmable ADC Notch Filter
•
Aux inputs for stereo analog input signals or ‘beep’
•
On-chip PLL supporting 12, 13, 19.2MHz and other clocks
•
Low power, low voltage
-
2.5V to 3.6V (digital core: 1.62V to 3.6V)
-
power consumption <30mW all-on with 2.5V supplies
•
6x6mm 40-pin QFN package
APPLICATIONS
•
Stereo Camcorder or DSC


Similar Part No. - WM8980

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8980CGEFL/RV WOLFSON-WM8980CGEFL/RV Datasheet
1Mb / 123P
Stereo CODEC with Speaker Driver and Video Buffer
WM8980CGEFL/V WOLFSON-WM8980CGEFL/V Datasheet
1Mb / 123P
Stereo CODEC with Speaker Driver and Video Buffer
WM8980 WOLFSON-WM8980_07 Datasheet
1Mb / 112P
Stereo CODEC With Speaker Driver and Video Buffer
WM8980 WOLFSON-WM8980_12 Datasheet
1Mb / 123P
Stereo CODEC with Speaker Driver and Video Buffer
More results

Similar Description - WM8980

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
Stereo CODEC With Speaker Driver
WM8980 WOLFSON-WM8980_07 Datasheet
1Mb / 112P
Stereo CODEC With Speaker Driver and Video Buffer
WM8941 WOLFSON-WM8941 Datasheet
1Mb / 96P
Mono CODEC with Speaker Driver and Video Buffer
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
Stereo CODEC with Speaker Driver
WM8980 WOLFSON-WM8980_12 Datasheet
1Mb / 123P
Stereo CODEC with Speaker Driver and Video Buffer
logo
Nuvoton Technology Corp...
NAU8822 NUVOTON-NAU8822 Datasheet
2Mb / 91P
24-bit Stereo Audio Codec with Speaker Driver
WAU8822 NUVOTON-WAU8822 Datasheet
942Kb / 21P
24-bit Stereo Audio Codec with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com