Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8980
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8980 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
28
In ALC mode (ALCMODE bit = 0) the circuit aims to keep a constant recording volume irrespective
of the input signal level. This is achieved by continuously adjusting the PGA gain so that the signal
level at the ADC input remains constant. A digital peak detector monitors the ADC output and
changes the PGA gain if necessary.
Figure 11 ALC Operation
The ALC/Limiter function is enabled by setting the register bit ALCSEL. When enabled, the
recording volume can be programmed between –6dB and –28.5dB (relative to ADC full scale) using
the ALCLVL register bits. An upper limit for the PGA gain can be imposed by setting the ALCMAX
control bits and a lower limit for the PGA gain can be imposed by setting the ALCMIN control bits.
ALCHLD, ALCDCY and ALCATK control the hold, decay and attack times, respectively:
Hold time is the time delay between the peak level detected being below target and the PGA gain
beginning to ramp up. It can be programmed in power-of-two (2
n) steps, e.g. 2.67ms, 5.33ms,
10.67ms etc. up to 43.7s. Alternatively, the hold time can also be set to zero. The hold time is not
active in limiter mode (ALCMODE = 1). The hold time only applies to gain ramp-up, there is no delay
before ramping the gain down when the signal level is above target.
Decay (Gain Ramp-Up) Time is the time that it takes for the PGA gain to ramp up and is given as a
time per gain step, time per 6dB change and time to ramp up over 90% of it’s range. The decay
time can be programmed in power-of-two (2
n) steps, from 3.3ms/6dB, 6.6ms/6dB, 13.1ms/6dB, etc.
to 3.36s/6dB.
Attack (Gain Ramp-Down) Time is the time that it takes for the PGA gain to ramp down and is given
as a time per gain step, time per 6dB change and time to ramp down over 90% of it’s range. The
attack time can be programmed in power-of-two (2
n) steps, from 832us/6dB, 1.66ms/6dB,
3.328us/6dB, etc. to 852ms/6dB.
NB, In peak limiter mode the gain control circuit runs approximately 4x faster to allow reduction of
fast peaks. Attack and Decay times for peak limiter mode are given below.
The hold, decay and attack times given in Table 16 are constant across sample rates so long as the
SR bits are set correctly. E.g. when sampling at 48kHz the sample rates stated in Table 16 will only
be correct if the SR bits are set to 000 (48kHz). If the actual sample rate was only 44.1kHz then the
hold, decay and attack times would be scaled down by 44.1/48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com