Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8980
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8980 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8980 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
16
OUT3 and OUT4 can be configured to provide an additional stereo lineout from the output of the
DACs, the mixers or the input microphone boost stages. Alternatively OUT4 can be configured as a
mono mix of left and right DACs or mixers, or simply a buffered version of the chip midrail reference
voltage. OUT3 can also be configured as a buffered VMID output. This voltage may then be used as
a headphone ‘pseudo ground’ allowing removal of the large AC coupling capacitors often used in the
output path.
AUDIO INTERFACES
The WM8980 has a standard audio interface, to support the transmission of stereo data to and from
the chip. This interface is a 3 wire standard audio interface which supports a number of audio data
formats including I2S, DSP/PCM Mode (a burst mode in which LRC sync plus 2 data packed words
are transmitted), MSB-First, left justified and MSB-First, right justified, and can operate in master or
slave modes.
CONTROL INTERFACES
To allow full software control over all its features, the WM8980 offers a choice of 2 or 3 wire MPU
control interface. It is fully compatible and an ideal partner for a wide range of industry standard
microprocessors, controllers and DSPs.
Selection between the modes is via the MODE pin. In 2 wire mode the address of the device is fixed
as 0011010.
CLOCKING SCHEMES
WM8980 offers the normal audio DAC clocking scheme operation, where 256fs MCLK is provided to
the DAC and ADC.
A PLL is included which may be used to generate these clocks in the event that they are not
available from the system controller. This PLL uses an input clock, typically the 12MHz USB or ilink
clock, to generate high quality audio clocks. If this PLL is not required for generation of these clocks,
it can be reconfigured to generate alternative clocks which may then be output on the GPIO pins and
used elsewhere in the system.
VIDEO BUFFER
The WM8980 incorporates a current mode output video buffer with an input 3
rd order Low Pass Filter
(LPF) and clamp. The gain through this buffer can be programmed as 0dB or 6dB via the control
interface. The current mode output means that the signal swing seen at the output of the buffer will
be the same as that at the connection to the receiving equipment (e.g. a TV). Note that the input to
the receiver should be AC coupled and terminated to 75
Ω, as is standard, for best performance.
POWER CONTROL
The design of the WM8980 has given much attention to power consumption without compromising
performance. It operates at very low voltages, and includes the ability to power off any unused parts
of the circuitry under software control, and includes standby and power off modes.
OPERATION SCENARIOS
Flexibility in the design of the WM8980 allows for a wide range of operational scenarios, some of
which are proposed below:
Stereo Camcorder; The provision of two stereo microphone preamplifiers, allows support for both
internal and external microphones. All drivers for speaker, headphone and line output connections
are integrated. The selectable ‘application filters’ after the ADC provide for features such as ‘wind
noise’ reduction, or mechanical noise reducing filters.
The integrated video buffer allows direct
connection to a TV or VCR for both video and audio (via line outputs).
Stereo Digital still camera recording; Support for digital stereo video with audio recording is similar to
the camcorder case. But additionally if the DSC supports MP3 playback, and perhaps recording, the
ability of the ADCs to support full 48ks/s high quality stereo recording increases device flexibility.
The integrated video buffer allows direct connection to the TV for display of moving and still images.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com