Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP8980DP/T Datasheet(PDF) 8 Page - IMP, Inc

Part # IMP8980DP/T
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP8980DP/T Datasheet(HTML) 8 Page - IMP, Inc

Back Button IMP8980DP/T Datasheet HTML 4Page - IMP, Inc IMP8980DP/T Datasheet HTML 5Page - IMP, Inc IMP8980DP/T Datasheet HTML 6Page - IMP, Inc IMP8980DP/T Datasheet HTML 7Page - IMP, Inc IMP8980DP/T Datasheet HTML 8Page - IMP, Inc IMP8980DP/T Datasheet HTML 9Page - IMP, Inc IMP8980DP/T Datasheet HTML 10Page - IMP, Inc IMP8980DP/T Datasheet HTML 11Page - IMP, Inc IMP8980DP/T Datasheet HTML 12Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© IMP, Inc.
IMP8980D DS-5-00
8
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
VDD - VSS
-0.3
7
V
2
Voltage on Digital Inputs
VI
VSS-0.3
VDD+0.3
V
3
Voltage on Digital Outputs
VO
VSS-0.3
VDD+0.3
V
4
Current at Digital Outputs
IO
40
mA
5
Storage Temperature
TS
-65
+150
°C
6
Package Power Dissipation
PD
2
W
Recommended Operating Conditions - Voltages are with respect to ground (VSS ) unless otherwise stated.
Characteristics
Sym
Min
Typ ‡
Max
Units
Test Conditions
1
Operating Temperature
TOP
-40
+85
°C
2
Positive Supply
VDD
4.75
5.25
V
3
Input Voltage
VI
0
VDD
V
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
DC Electrical Characteristics - Voltages are with respect to ground (V SS ) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Current
IDD
6
10
mA
Outputs unloaded
2
Input High Voltage
VI H
2.0
V
3
Input Low Voltage
VI L
0.8
V
4
Input Leakage
II L
5
µA
VI between VSS and VDD
5
Input Pin Capacitance
CI
8
pF
Outputs
Inputs
6
Output High Voltage
VOH
2.4
V
IOH = 10 mA
7
Output High Current
IOH
10
15
mA
Sourcing. VOH=2.4V
8
Output Low Voltage
VOL
0.4
V
IOL = 5 mA
9
Output Low Current
IOL
5
10
mA
Sinking. VOL = 0.4V
10
High Imp. Leakage
IOZ
5
µA
VO between VSS and VDD
11
Output Pin Capacitance
CO
8
pF
Test Point
Output
Pin
C
L
V
SS
S
1
R
L
V
DD
S
2
V
SS
S1 is open circuit except
when testing output levels
or high impedance states.
S2 is switched to VDD or
VSS when testing output
levels or high impedance
states.
Figure 11 Output Load Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com