Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP8980DP/T Datasheet(PDF) 11 Page - IMP, Inc

Part # IMP8980DP/T
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP8980DP/T Datasheet(HTML) 11 Page - IMP, Inc

Back Button IMP8980DP/T Datasheet HTML 6Page - IMP, Inc IMP8980DP/T Datasheet HTML 7Page - IMP, Inc IMP8980DP/T Datasheet HTML 8Page - IMP, Inc IMP8980DP/T Datasheet HTML 9Page - IMP, Inc IMP8980DP/T Datasheet HTML 10Page - IMP, Inc IMP8980DP/T Datasheet HTML 11Page - IMP, Inc IMP8980DP/T Datasheet HTML 12Page - IMP, Inc IMP8980DP/T Datasheet HTML 13Page - IMP, Inc IMP8980DP/T Datasheet HTML 14Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* High Impedance is measured by pulling to the appropriate rail with R L, with timing corrected to cancel time taken to discharge C L.
➀ Processor accesses are dependent on the C4i clock, and so some timings are expressed as multiples of the C4i clock period.
Characteristics
Sym
Min
Typ ‡
Max
Units
Test Conditions
1
Chip Select Setup Time
tCSS
20
0
ns
2
Read/Write Setup Time
tRWS
25
5
ns
3
Address Setup Time
tADS
25
5
ns
4
Acknowledgement
Fast
tAKD
40
100
ns
CL=150 pF
Delay
Slow
tAKD
2.7
7.2
cycles
C4i cycles
➀
5
Fast Write Data Setup Time
tFWS
20
ns
6
Slow Write Data Delay
tSWD
2.0
1.7
cycles
C4i cycles
➀
7
Read Data Setup Time
tRDS
0.5
cycles
C4i cycles
➀, CL= 150 pF
8
Data Hold Time Read
tDHT
20
ns
RL=1 K
Ω * , CL=150 pF
Write
tDHT
20
10
ns
9
Read Data To High Imp. tRDZ
50
90
ns
RL=1 K
Ω * , CL=150 pF
10
Chip Select Hold Time
tCSH
0
ns
11
Read/Write Hold Time
tRWH
0
ns
12
Address Hold Time
tADH
0
ns
13
Acknow. Hold Time
tAKH
10
60
80
ns
RL=1 K
Ω * , CL=150 pF
AC Electrical Characteristics † - Processor Bus (Figures 11 and 17)
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.4V
0.4V
0.8V (Read) 0.8V (Write)
2.4V (Read) 2.0V (Write)
DS
CS
A5
to
A0
DTA
D7
to
D0
R/W
tCSS
tRWS
tADS
tAKD
tRDS
tSWD
tFWS
tRDZ
tAKH
tADH
tCSH
tRWH
tDHT
Figure 17 Processor Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com