Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP8980DP/T Datasheet(PDF) 14 Page - IMP, Inc

Part # IMP8980DP/T
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP8980DP/T Datasheet(HTML) 14 Page - IMP, Inc

Back Button IMP8980DP/T Datasheet HTML 6Page - IMP, Inc IMP8980DP/T Datasheet HTML 7Page - IMP, Inc IMP8980DP/T Datasheet HTML 8Page - IMP, Inc IMP8980DP/T Datasheet HTML 9Page - IMP, Inc IMP8980DP/T Datasheet HTML 10Page - IMP, Inc IMP8980DP/T Datasheet HTML 11Page - IMP, Inc IMP8980DP/T Datasheet HTML 12Page - IMP, Inc IMP8980DP/T Datasheet HTML 13Page - IMP, Inc IMP8980DP/T Datasheet HTML 14Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
© IMP, Inc.
IMP8980D DS-5-00
14
IMP, Inc.
Corporate Headquarters
2830 N. First Street
San Jose, CA 95134
Tel: 408.432.9100 Main
Tel: 800.434.3722
Fax: 408.434.0335
e-mail: info@impinc.com
http://www.impweb.com
Information furnished by IMP, Inc. is believed to be accurate and reliable. No responsibility is assumed
by IMP for use of this product nor for any infringements of patents or trademarks or other rights of third
parties resulting from its use. IMP reserves the right to make changes in specifications at any time
without notice. IMP does not authorize or warrant any IMP products for use in life support devices and/
or systems without the expressed written approval of an officer of IMP, Inc.
The IMP logo is a registered trademark of IMP, Inc.
All other company and product names are trademarks of their respective owners.
© 2000 IMP, Inc.
Printed in USA
Part No.:
Document Number: IMP8980D DS 05/00
ISO 9001 Registered
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com