Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP8980DP/T Datasheet(PDF) 10 Page - IMP, Inc

Part # IMP8980DP/T
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP8980DP/T Datasheet(HTML) 10 Page - IMP, Inc

Back Button IMP8980DP/T Datasheet HTML 6Page - IMP, Inc IMP8980DP/T Datasheet HTML 7Page - IMP, Inc IMP8980DP/T Datasheet HTML 8Page - IMP, Inc IMP8980DP/T Datasheet HTML 9Page - IMP, Inc IMP8980DP/T Datasheet HTML 10Page - IMP, Inc IMP8980DP/T Datasheet HTML 11Page - IMP, Inc IMP8980DP/T Datasheet HTML 12Page - IMP, Inc IMP8980DP/T Datasheet HTML 13Page - IMP, Inc IMP8980DP/T Datasheet HTML 14Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© IMP, Inc.
IMP8980D DS-5-00
10
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* High Impedance is measured by pulling to the appropriate rail with RL , with timing corrected to cancel time taken to discharge CL .
AC Electrical Characteristics † - Serial Streams (Figures 11, 14, 15 and 16)
Characteristics
Sym
Min
Typ ‡
Max
Units
Test Conditions
Inputs
1
STo0/7 Delay-Active to High Z
tSAZ
20
50
80
ns
RL=1 K
Ω*, CL=150 pF
2
STo0/7 Delay-High Z to Active
tSZA
25
60
125
ns
CL=150 pF
3
STo0/7 Delay-Active to Active
tSAA
30
65
125
ns
CL=150 pF
4
STo0/7 Hold Time
tSOH
25
45
ns
CL=150 pF
5
Output Driver Enable Delay
tOED
45
125
ns
RL=1 K
Ω*, CL=150 pF
6
External Control Hold Time
tXCH
0
50
ns
CL=150 pF
7
External Control Delay
tXCD
75
110
ns
CL=150 pF
Outputs
8
Serial Input Setup Time
tSIS
-40
-20
ns
9
Serial Input Hold Time
tSIH
90
ns
2.0V
0.8V
2.4V
0.4V
2.4V
0.4V
2.4V
0.4V
2.4V
0.4V
C4i
STo0
to
STo7
CSTo
STo0
to
STo7
STo0
to
STo7
Bit Cell Boundary
tSOH
tSAZ
tSZA
tSOH
tSAA
tXCH
tXCD
tOED
tOED
ODE
STo0
to
ST o7
2.0V
0.8V
2.4V
0.4V
Bit Cell Boundaries
C4i
STo0
to
STo7
2.0V
0.8V
2.0V
0.8V
tSIS
tSIH
Figure 14 Serial Outputs and External
Control
Figure 15 Output Driver Enable
Figure 16 Serial Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com