Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP8980DP/T Datasheet(PDF) 12 Page - IMP, Inc

Part # IMP8980DP/T
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP8980DP/T Datasheet(HTML) 12 Page - IMP, Inc

Back Button IMP8980DP/T Datasheet HTML 6Page - IMP, Inc IMP8980DP/T Datasheet HTML 7Page - IMP, Inc IMP8980DP/T Datasheet HTML 8Page - IMP, Inc IMP8980DP/T Datasheet HTML 9Page - IMP, Inc IMP8980DP/T Datasheet HTML 10Page - IMP, Inc IMP8980DP/T Datasheet HTML 11Page - IMP, Inc IMP8980DP/T Datasheet HTML 12Page - IMP, Inc IMP8980DP/T Datasheet HTML 13Page - IMP, Inc IMP8980DP/T Datasheet HTML 14Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
© IMP, Inc.
IMP8980D DS-5-00
12
Pin #
Name
Description
40
44
DIP
PLCC
1
2
DTA
Data Acknowledgement (Open Drain Output). This is
the data acknowledgement on the microprocessor
interface. This pin is pulled low to signal that the chip
has processed the data. A 909
Ω, 1/4W, resistor is
recommended to be used as a pullup.
2
3
STi0
ST-BUS Input 0 to 2 (Inputs). These are the inputs for
-4
-5
-STi2
the 2048 kbit/s ST-BUS input streams.
5
7
STi3
ST-BUS Input 3 to 7 (Inputs).
-9
-11
-STi7
These are the inputs for the 2048 kbit/s ST-BUS
input streams.
10
12
VDD Power Input. Positive Supply.
11
13
F0i
Framing 0-Type (Input). This is the input for the frame
synchronization pulse for the 2048 kbit/s ST-BUS
streams. A low on this input causes the internal
counter to reset on the next negative transition of C4i
12
14
C4i
4.096 MHz Clock (Input). ST-BUS bit cell boundaries
lie on the alternate falling edges of this clock.
13
15
A0
Address 0 to 2 (Inputs). These are the inputs for the
-15
-17
-A2
address lines on the microprocessor interface.
16
19
A3
Address 3 to 5 (Inputs). These are the inputs for the
-18
-21
-A5
address lines on the microprocessor interface.
19
22
DS
Data Strobe (Input). This is the input for the active
high data strobe on the microprocessor interface.
20
23
R/W
Read or Write (Input). This is the input for the
read/write signal on the microprocessor interface
- high for read, low for write.
21
24
CS
Chip Select (Input). This is the input for the active low
chip select on the microprocessor interface
22
25
D7
Data 7 to 5 (Three-state I/O Pins). These are the
-24
-27
-D5
bidirectional data pins on the microprocessor interface.
25
29
D4
Data 4 to 0 (Three-state I/O Pins). These are the
-29
-33
-D0
bidirectional data pins on the microprocessor interface.
30
34
VSS
Power Input. Negative Supply (Ground).
31
35
STo7
ST-BUS Output 7 to 3 (Three-state Outputs). These
-35
-39
-ST03
are the pins for the eight 2048 kbit/s ST-BUS output
streams.
36
41
STo2
ST-BUS Output 2 to 0 (Three-state Outputs). These
-38
-43
- STo0
are the pins for the eight 2048 kbit/s ST-BUS output
streams.
39
44
ODE
Output Drive Enable (Input). If this input is held high,
the STo0-STo7 output drivers function normally. If this
input is low, the STo0-STo7 output drivers go into their
high impedance state. NB: Even when ODE is high,
channels on the STo0-STo7 outputs can go high
impedance under software control.
40
1
CSTo
Control ST-BUS Output (Complementary Output).
Each frame of 256 bits on this ST-BUS output contains
the values of bit 1 in the 256 locations of the
Connection Memory High.
6,
NC
No Connection.
18,
28,
40
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com