Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3291CSD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3291CSD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3291CSD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3291CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 10Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 11Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 12Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
INPUTS
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
_______________________________________________________________________________________
9
R
B
RO
CL
ATE
A
VID
R
ZN
YP
ZP
YN
ZN
ZP
YP
YN
0 DIFFERENTIAL
tPRE
tPTND
80%
20%
50%
Figure 9. Receiver Propagation Delay Test Circuit
Figure 10. Preemphasis Timing
RE
DI
DE
1k
VCC
RO
MAX3291
MAX3292
Figure 11. Time-to-Shutdown Test Circuit
Function Tables
DI
RE
DE
1
X
1
INPUTS
Z
0
OUTPUTS
Y
1
TRANSMITTING
1
0
0
X
1
High-Z
High-Z
High-Z and
SHUTDOWN
X
1
0
X
0
0
A-B
RE
DE
OUTPUT
RO
1
0
≤ -0.2V
0
X
1
High-Z and
SHUTDOWN
X
1
0
Open
0
X
≥ 0.2V
0
X
X = Don’t care
Z = High impedance
SHUTDOWN = Low-power shutdown; driver and receiver outputs are high impedance.
INPUTS
RECEIVING
High-Z
X
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com