Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3291CSD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3291CSD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3291CSD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3291CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
6
_______________________________________________________________________________________
____________________________________Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
0
0.75
0.50
0.25
1.75
1.50
1.25
1.00
2.00
2.75
2.50
2.25
3.00
-40
0
20
-20
40
60
80
100
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0
20
10
40
30
60
50
70
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0
OUTPUT SINK CURRENT vs.
RECEIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
0
0.10
0.05
0.15
0.20
0.25
0.30
-40
0
20
-20
40
60
80
100
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
IRO = 8mA
0
5
15
10
25
20
30
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0
OUTPUT SOURCE CURRENT vs.
RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
4.10
4.25
4.20
4.15
4.35
4.30
4.45
4.40
4.55
4.50
4.60
-40
0
20
-20
40
60
80
100
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
IRO = 8mA
DRIVER PROPAGATION DELAY
20ns/div
VY - VZ
DI
2.5V/
div
5V/
div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com