Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3291CSD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3291CSD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3291CSD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3291CSD Datasheet HTML 1Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, VCC = +5V ±5%, RPSET = 0 (MAX3292), VCC = VCCD (MAX3292), TA = TMIN to TMAX, unless otherwise
noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC, VCCD) .................................................+6V
Control Input Voltage (RE, DE, PEE,
PSET, DI) .................................................-0.3V to (VCC + 0.3V)
Driver Output Voltage (Y, Z) ................................-7.5V to +12.5V
Receiver Input Voltage (A, B)..............................-7.5V to +12.5V
Receiver Output Voltage (RO)....................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
14-Pin SO (derate 8.7mW/°C above +70°C).................695mW
14-Pin Plastic DIP (derate 10.0mW/°C above +70°C) ..800mW
Operating Temperature Ranges
MAX329_C_ D......................................................0°C to +70°C
MAX329_E_ D ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
R = 27
Ω
DE = GND,
VCC = GND or 5.25V
VPSET = VCC
DE, DI, RE
DE, DI, RE, PEE
DE, DI, RE
CONDITIONS
V
2.4
VODP
Differential Driver Output with
Preemphasis
µA
-25
IO
Output Leakage (Y and Z)
25
µA
70
110
IPSET
PSET Input Current (MAX3292)
V
2.4
VIH
Input High Voltage
V
0.8
VIL
Input Low Voltage
µA
±2
IIN
Input Current
µA
-15
-30
-45
IPEE
PEE Input Current (MAX3291)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Figure 1, R = 27
Ω (Note 3)
V
1.65
2.0
2.35
DPER
Differential Driver
Preemphasis Ratio
Figure 1, R = 27
Ω (Note 4)
V
0.2
∆VOD,
∆VODP
Change in Magnitude of
Differential Output Voltage
(Normal and Preemphasis)
Figure 1, R = 27
Ω
V
VCC / 2
3
VOC
Driver Common-Mode Output
Voltage (Normal and
Preemphasis)
Figure 1, R = 27
Ω (Note 5)
V
0.3
∆VOC
Change in Magnitude of
Common-Mode Voltage
(Normal and Preemphasis)
Figure 1, R = 27
Ω
mV
50
∆VNP
Change in Magnitude of
Common-Mode Output
Voltage (Normal to
Preemphasis)
-7V
≤ VOUT ≤ +12V (Note 6)
mA
±30
±250
IOSD
Driver Short-Circuit Output
Current
VY = VZ = +12V
VY = VZ = -7V
R = 27
Ω
Figure 1
No load (Note 2)
V
5.25
VOD
1.5
5.0
Differential Driver Output
PEE
3.75
DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com