Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3291CSD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3291CSD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3291CSD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3291CSD Datasheet HTML 1Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
________________________________________________________________
Maxim Integrated Products
1
19-1405; Rev 1; 4/99
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
________________General Description
The MAX3291/MAX3292 high-speed RS-485/RS-422
transceivers feature driver preemphasis circuitry, which
extends the distance and increases the data rate of reli-
able communication by reducing intersymbol interfer-
ence (ISI) caused by long cables. The MAX3291 is
programmable for data rates of 5Mbps to 10Mbps,
while the MAX3292 is programmable for data rates up
to 10Mbps by using a single external resistor.
The MAX3291/MAX3292 are full-duplex devices that
operate from a single +5V supply and offer a low-cur-
rent shutdown mode that reduces supply current to
100nA. They feature driver output short-circuit current
limiting and a fail-safe receiver input that guarantees a
logic-high output if the input is open circuit. A 1/4-unit-
load receiver input impedance allows up to 128 trans-
ceivers on the bus.
________________________Applications
Long-Distance, High-Speed RS-485/RS-422
Communications
Telecommunications
Industrial-Control Local Area Networks
____________________________Features
o Preemphasis Increases the Distance and Data
Rate of Reliable RS-485/RS-422 Communication
o Data Rate
Optimized for 5Mbps to 10Mbps (MAX3291)
Programmable up to 10Mbps (MAX3292)
o 100nA Low-Current Shutdown Mode
o Allow Up to 128 Transceivers on the Bus
o -7V to +12V Common-Mode Input Voltage Range
o Pin-Compatible with ’75180, MAX489, MAX491
MAX3080, MAX3083, MAX3086, MAX1482
2
PEE
(PSET)
12
13
R = ZO
R = ZO
R = ZO
R = ZO
14
1
1
µF
RPSET*
CPSET*CPSET*
7(6)
GND
11
10
9
( ) ARE FOR MAX3292
* MAX3292 ONLY
ZO = THE CHARACTERISTIC
IMPEDANCE OF THE CABLE
RO
RE
DE
DI
3
4
5
9
5
13
7(6)
GND
4
3
DI
DE
RE
RO
2
10
11
12
VCC
(VCCD)(VCCD)
PEE
(PSET)
14
1
1
µF
RPSET*
VCC
MAX3291
MAX3292
MAX3291
MAX3292
A
B
Z
Y
Y
Z
B
A
Typical Operating Circuit and Functional Diagram
PART
MAX3291CSD
MAX3291CPD
MAX3291ESD
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
14 SO
14 Plastic DIP
14 SO
_______________Ordering Information
MAX3291EPD
-40°C to +85°C
14 Plastic DIP
MAX3292CSD
MAX3292CPD
MAX3292ESD
-40°C to +85°C
0°C to +70°C
0°C to +70°C
14 SO
14 Plastic DIP
14 SO
MAX3292EPD
-40°C to +85°C
14 Plastic DIP
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX3291CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3291CSD MAXIM-MAX3291CSD Datasheet
285Kb / 16P
RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
More results

Similar Description - MAX3291CSD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
logo
Maxim Integrated Produc...
MAX3291 MAXIM-MAX3291 Datasheet
285Kb / 16P
RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Maxim Integrated Produc...
MAX22500E MAXIM-MAX22500E Datasheet
1Mb / 19P
100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 0; 6/17
MAX22501E MAXIM-MAX22501E Datasheet
1Mb / 19P
100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 0; 6/17
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX22501E MAXIM-MAX22501E_V01 Datasheet
1Mb / 24P
100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
2021
logo
Analog Devices
MAX22500E AD-MAX22500E Datasheet
1Mb / 23P
100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
Rev 3; 12/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com