Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3291CSD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3291CSD
Description  RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3291CSD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3291CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 10Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 11Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 12Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 13Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 14Page - Maxim Integrated Products MAX3291CSD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Setting the Preemphasis Interval
The MAX3291 has an internal fixed preemphasis interval
of 100ns. Use the MAX3291 for existing designs requiring
industry-standard ’75180 pin-compatibility at data rates of
5Mbps to 10Mbps.
The MAX3292 has a resistor-programmable preemphasis
interval for more flexibility. For data rates less than 1Mbps,
use the following equation to calculate RPSET (the pre-
emphasis setting resistor):
RPSET = 580 (tBAUD - 100)
where tBAUD = one baud period in ns.
For example, a baud rate of 500kbps produces a baud
period of 2µs (2µs = 2000ns).
RPSET = 580 (tBAUD - 100)
RPSET = 580 (2000 - 100) = 1.1MΩ
For data rates of 1Mbps to 10Mbps, use the following
equation to calculate RPSET:
RPSET = 580 (tBAUD - 100)(tBAUD / 1000)
where tBAUD = one baud period in ns.
For example, a baud rate of 1Mbps produces a baud
period of 1µs (1µs = 1000ns).
RPSET = 580 (1000 - 100)(1000 / 1000) = 522kΩ
(closest standard value is 523k
Ω)
Set the preemphasis interval by connecting the RPSET
resistor from PSET to VCC. Use a 0.1µF bypass capaci-
tor (CPSET) from PSET to VCC. If PSET is connected
directly to VCC (RPSET = 0), the preemphasis interval
reverts to the nominal 100ns value.
Eye Diagrams
One simple method to quickly determine your circuit
configuration is to view an eye diagram. An eye dia-
gram is a scope photo (voltage vs. time) showing the
transitions of a pseudo-random bit string displaying at
least one bit interval. Use an eye diagram to quickly
calculate the total jitter of a circuit configuration. Jitter is
the total time variation at the zero-volt differential cross-
ing, and percent jitter is expressed as a percentage of
one baud period, tBAUD. Figures 15 and 16 show typi-
cal eye diagrams for a non-preemphasis device and
the MAX3291/MAX3292. ISI and jitter are often used
interchangeably; however, they are not exactly the
same thing. ISI usually makes up the majority of the jit-
ter, but asymmetrical high and low driver output voltage
levels and time skews of non-ideal transceivers (driver
and receiver) also contribute to jitter.
RS-485/RS-422 Transceivers with Preemphasis
for High-Speed, Long-Distance Communication
______________________________________________________________________________________
11
10,000
100
0.1
1
10
DATA RATE (Mbps)
1000
10% JITTER
PREEMPHASIS
485 DRIVER
LIMIT
CONVENTIONAL
485 DRIVER
LIMIT
PREEMPHASIS REQUIRED
FOR ERROR-FREE
TRANSMISSION
24-GAUGE
TWISTED PAIR
Figure 14. Preemphasis Driver Performance Compared to a
Conventional Driver Without Preemphasis at 10% Jitter
Figure 15. Eye Diagram of a Typical RS-485 Transceiver
Without Preemphasis, while Driving 1000 feet of Cable at
5Mbps
Figure 16. Eye Diagram of the MAX3292 with a Preemphasis
Interval of 175ns, while Driving 1000 feet of Cable at 5Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com