Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8169 Datasheet(PDF) 12 Page - STMicroelectronics

Part # 8169
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

8169 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 8169 Datasheet HTML 8Page - STMicroelectronics 8169 Datasheet HTML 9Page - STMicroelectronics 8169 Datasheet HTML 10Page - STMicroelectronics 8169 Datasheet HTML 11Page - STMicroelectronics 8169 Datasheet HTML 12Page - STMicroelectronics 8169 Datasheet HTML 13Page - STMicroelectronics 8169 Datasheet HTML 14Page - STMicroelectronics 8169 Datasheet HTML 15Page - STMicroelectronics 8169 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
STA304A
12/30
specification. The following table summarize the slot usage for each one the these frequencies:
* Slots 3, 4 and 6 are always requested. Slots 10, 11 and 12 are requested only when needed.
The following table summarize the different input possibilities:
* In this configuration the BYPASS is always active, regardless SRC_Bypass bit in reg. 5Ah
7.0 PLL
In order to generate the internal 49.152 MHz clock a low-jitter PLL has been included in the device. It can be config-
ured to work either with a multiplication factor of x8 or x2, in order to fit an external frequency reference of 6.144 MHz
or, respectively, 24.576 MHz. This could be useful when the device is configured to work in AC`97 slave mode where
the master clock is 24.576 MHz. To select the multiplication factor the
PLL_Factor bit can be used.
Using the
PLL_Bypass bit the PLL section can be bypassed, allowing direct connection of the internal clock to
the XTI pin. When this option is selected an external frequency of 49.152 MHz should be provided to the device.
In this condition the PLL is automatically powered-down.
8.0 POWERDOWN MANAGEMENT
The powerdown capability and its logic behaviour is shown in
Figure 7 - Powerdown management . Basically
there are three powerdown requests which comes from the extern of the device and will cause a different pow-
erdown condition:
-
External PWDN pin – this signal will turn-off the device which, as a consequence, will enter the power-
down mode (all the device clocks are stopped). The device will exit this state as soon as the PWDN pin
is deasserted.
-
PR5 bit (reg. 26h, bit 13) – Setting this bit will cause a partial powerdown of the device: infact all the clocks
will be suspended, except that used to keep the AC97 and I2C cells alive. In this way, using either of these
input interfaces, it’ll be possible to resume from this state simply resetting the PR5 bit.
-
EAPD bit (reg.26h, bit 15) – The External Amplifier PowerDown bit controls the state of the related pin
(EAPD) which, in turn, is used to switch off the external power chip.
Freq.
Slot 3
Slot 4
Slot 6
Slot 7
Slot 8
Slot 9
Slot 10
Slot 11
Slot 12
48
Left
Right
Center
Surr.L
Surr.R
LFE
44.1
Left
Right
Surr.L
Surr.R
88.2 *
Left
Right
Center
Left (n+1)
Right (n+1)
Center (n+1)
96
Left
Right
Center
Left (n+1)
Right (n+1)
Center (n+1)
Input from
Channels
Available Freq. (KHz)
Bypass
Notes
I2S (Master)
4
48
Yes
Bypass is user selectable
I2S (Slave)
4
32..96
No
S/PDIF
2
32..96
No
AC`97
6
48
Yes *
Left, Right, SL, SR, Center, LFE
AC`97
3
96
No
Left, Right, Center
AC`97
4
44.1 (VRA)
No
Left, Right, SL, SR
AC`97
3
88.2 (VRA)
No
Left, Right, Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com