Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8169 Datasheet(PDF) 21 Page - STMicroelectronics

Part # 8169
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

8169 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button 8169 Datasheet HTML 17Page - STMicroelectronics 8169 Datasheet HTML 18Page - STMicroelectronics 8169 Datasheet HTML 19Page - STMicroelectronics 8169 Datasheet HTML 20Page - STMicroelectronics 8169 Datasheet HTML 21Page - STMicroelectronics 8169 Datasheet HTML 22Page - STMicroelectronics 8169 Datasheet HTML 23Page - STMicroelectronics 8169 Datasheet HTML 24Page - STMicroelectronics 8169 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/30
STA304A
12.3 Tone Control Register (add. 08h)
This register support tone controls (bass and treble). The step size is 2dB. Writing a 0000h corresponds to
+12dB of gain. Center frequencies (from which gains are measured) are 160Hz for Bass and 5,000Hz for Treble.
The default value is 0F0Fh, which corresponds to bypass of bass or treble gain. The tone feature is implemented
only on the L and R front channel.
12.4 Powerdown Ctrl/Staus Register (PCSR) : add. 26h
NOTE: Bits D0..D3 will be masked to the showed value before writing into the RAM registers, other bits will simply pass through.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXXX
BA3
BA2
BA1
BA0
XXXX
TR3
TR2
TR1
TR0
TR3... TR0 or BA3... BA0
Function
0000
+12 dB of gain
0001
+10 dB of gain
0010
+8 dB of gain
0011
+6 dB of gain
0100
+4 dB of gain
0101
+2 dB of gain
0110
+1 dB of gain
0111
0 dB of gain
1000
-1 dB of gain
1001
-2 dB of gain
1010
-4 dB of gain
1011
-6 dB of gain
1100
-8 dB of gain
1101
-10 dB of gain
1110
-12 dB of gain
1111
Bypass
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PR5
PR4
1110
BIT
R/W
RST
NAME
DESCRIPTION
12
R/W
0
PR4
Setting this bit to 1 the BIT_CLK and the SDATA_IN signal will be fixed to the
digital low level. To resume the normal operation either an hardware reset or a
softReset must be performed.
13
R/W
0
PR5
In order to set the device in a powerdown-like condition this bit must be set to 1.
This will stop the device internal clock: only the PLL and AC`97, I2C clocks will
still be running. DSP should start power-down sequence in order to accomplish
this request.
15
R/W
1
EAPD
The value of this bit should be checked by the DSP in order to recognize an
external power amplifier power-down request. As a consequence the DSP
should start the power-down sequence (volume fade-out)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com