Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8169 Datasheet(PDF) 28 Page - STMicroelectronics

Part # 8169
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

8169 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button 8169 Datasheet HTML 22Page - STMicroelectronics 8169 Datasheet HTML 23Page - STMicroelectronics 8169 Datasheet HTML 24Page - STMicroelectronics 8169 Datasheet HTML 25Page - STMicroelectronics 8169 Datasheet HTML 26Page - STMicroelectronics 8169 Datasheet HTML 27Page - STMicroelectronics 8169 Datasheet HTML 28Page - STMicroelectronics 8169 Datasheet HTML 29Page - STMicroelectronics 8169 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
STA304A
28/30
12.16BIST and Status Register (BASR) : add. 76h
12.17Coefficients Handling Registers (add. 78h – 7Ah)
See paragraph 10.
12.18Vendor ID Registers (add. 7Ch – 7Eh)
These registers are specific vendor identification for the STA304A. The Microsoft’s Plug and Play Vendor ID code is "ALJ". The
REV7.. 0 field is for the Vendor Revision number. These are read only registers, any write request to one of these will be ignored.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DSP_BIS
T_Start
DSP_BIS
T_Running
DSP_BIS
T_Stop
DSP_RA
M
X
X
SRC_SP
RAM_2
SRC_SP
RAM_1
DDX_DP
RAM
DDX_SP
RAM_3
DDX_SP
RAM_2
DDX_SP
RAM_1
BIST_St
op
BIST_St
art
SPDIF_
Status
SRC_St
atus
BIT
I/F
DSP
RST
NAME
DESCRIPTION
0
R
1
SRC_Status
When 0, the digital pll in the SRC is LOCKED. When 1 the digital
PLL is OUT of LOCK.
1
R
1
SPDIF_Status
When 1, the SPDIF interface is out of lock. When 0 the interface
is locked to the SPDIF stream input.
2
W
R
0
BIST_Start
Reserved
3
R
0
BIST_Stop
Reserved
4
R
0
DDX_SPRAM_1
Reserved
5
R
0
DDX_SPRAM_2
Reserved
6
R
0
DDX_SPRAM_3
Reserved
7
R
0
DDX_DPRAM
Reserved
8
R
0
SRC_SPRAM_1
Reserved
9
R
0
SRC_SPRAM_2
Reserved
10
R/W
1
AC3_AMEN
Enable automuting if AC3 frame header found
11
R/W
0
CH1_AMEN
Enable automuting if no CH1_STATUS bit found
12
R
R
0
DSP_RAM
Reserved
13
R
R
0
DSP_BIST_Stop
Reserved
14
R
R
0
DSP_BIST_Running
Reserved
15
W
R
0
DSP_BIST_Start
Reserved
D15
D14
D13
D12
D11
D10
D9D8D7D6D5D4D3
D2
D1
D0
C15
C14
C13
C12
C11
C10
C9C8C7C6C5C4C3
C2
C1
C0
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
R/W
C19
C18
C17
C16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
01
000
00
101
001
1
0
0
01
001
01
0
REV7 REV6 REV5 REV4 REV3
REV2
REV1
REV0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com