Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8169 Datasheet(PDF) 17 Page - STMicroelectronics

Part # 8169
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

8169 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button 8169 Datasheet HTML 13Page - STMicroelectronics 8169 Datasheet HTML 14Page - STMicroelectronics 8169 Datasheet HTML 15Page - STMicroelectronics 8169 Datasheet HTML 16Page - STMicroelectronics 8169 Datasheet HTML 17Page - STMicroelectronics 8169 Datasheet HTML 18Page - STMicroelectronics 8169 Datasheet HTML 19Page - STMicroelectronics 8169 Datasheet HTML 20Page - STMicroelectronics 8169 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17/30
STA304A
10.3 Coefficient map
Filter coefficients:
CHx0 = b2
CHx1 = (b0)-1
CHx2 = a2
CHx3 = (a1)/2
CHx4 = (b1)/2
Index
(decimal)
index (hex)
coefficient
default value
0
0h
20 LR filter coef.
LR00 (b2)
00000h
1
1h
LR01 (b0-1)
00000h
……
…
…
4
4h
LR04 (b1/2)
00000h
5
5h
LR10 (b2)
00000h
……
…
…
19
13h
LR34 (b1/2)
00000h
20
14h
20 Surrounds
filter coef.
SUR00
00000h
……
…
…
39
27h
SUR34
00000h
40
28h
20 SBW filter
coef.
SBW00 (b2)
00032h
41
29h
SBW01 (b0-1)
80032h
42
2Ah
SBW02 (a2)
7C7EAh
43
2bh
SBW03 (a1/2)
81C6Fh
44
2Ch
SBW04 (b1/2)
00032h
45
2dh
SBW10
00000h
……
…
…
59
3bh
SBW34
00000h
60
3Ch
3 scale in factors
-scale_in LR
80000h
61
3dh
-scale_in SUR
80000h
62
3Eh
-scale_in SBW
80000h
63
3Fh
6 SBW
redirection
factors
-scale_L
→SBW
C0000h
64
40h
-scale_R
→SBW
C0000h
65
41h
-scale_LS
→SBW
C0000h
66
42h
-scale_RS
→SBW
C0000h
67
43h
-scale_C
→SBW
C0000h
68
44h
-scale_LFE
→SBW
80000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com