Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8169 Datasheet(PDF) 13 Page - STMicroelectronics

Part # 8169
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

8169 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 8169 Datasheet HTML 9Page - STMicroelectronics 8169 Datasheet HTML 10Page - STMicroelectronics 8169 Datasheet HTML 11Page - STMicroelectronics 8169 Datasheet HTML 12Page - STMicroelectronics 8169 Datasheet HTML 13Page - STMicroelectronics 8169 Datasheet HTML 14Page - STMicroelectronics 8169 Datasheet HTML 15Page - STMicroelectronics 8169 Datasheet HTML 16Page - STMicroelectronics 8169 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
STA304A
Figure 7. Powerdown management
In order to avoid any possible pop-noise while switching between the various powerdown modes a particular
masking technique has been adopted to drive the actual controlling signals: as shown in the above figure the 3
powerdown requests will inform the DSP using the related bits in specific registers. After that the DSP performs
a software fade-out of the channels volume and, finally, activates the MUTE flags of the various channels.
The actual controlling lines are the result of a logical AND operation between the relative request signals and
the 4 channel MUTE bits (LR, LFE, SL and SR).
Moreover the external power chip will be turned off (via the EAPD pin) not only as a consequence of an EAPD request,
but also as a consequence of a PR5 or PWDN requests: this solution will prevent any possible noise or glitch.
&
Internal CK disable
&
Chip powerdown
&
DSP
Requests
OR
EAPD (reg. 26h, bit 15)
PWDN pin (reg.7EFh, bit0)
PR5 (reg.26h, bit 13)
EAPD pin (ACTIVE Low)
(Active Low)
LR
LFE
SL
SR
&
LR
reg. 02h bit 15
LFE
reg. 36h bit 15
SR
reg. 38h bit 07
SL
reg. 38h bit 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com