Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 23 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 23 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 19Page - SMSC Corporation LAN91C100FD Datasheet HTML 20Page - SMSC Corporation LAN91C100FD Datasheet HTML 21Page - SMSC Corporation LAN91C100FD Datasheet HTML 22Page - SMSC Corporation LAN91C100FD Datasheet HTML 23Page - SMSC Corporation LAN91C100FD Datasheet HTML 24Page - SMSC Corporation LAN91C100FD Datasheet HTML 25Page - SMSC Corporation LAN91C100FD Datasheet HTML 26Page - SMSC Corporation LAN91C100FD Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 23
Rev. 05/31/2000
BANK 0
OFFSET
NAME
TYPE
SYMBOL
6
COUNTER REGISTER
READ ONLY
ECR
Counts four parameters for MAC statistics. When any counter reaches 15 an interrupt is issued. All counters are cleared
when reading the register and do not wrap around beyond 15.
HIGH
BYTE
NUMBER OF EXC. DEFFERED TX
NUMBER OF DEFFERED TX
0
0
0
0
0
0
0
0
LOW
BYTE
MULTIPLE COLLISION COUNT
SINGLE COLLISION COUNT
0
0
0
0
0
0
0
0
Each four bit counter is incremented every time the corresponding event, as defined in the EPH STATUS REGISTER bit
description, occurs. Note that the counters can only increment once per enqueued transmit packet, never faster, limiting the
rate of interrupts that can be generated by the counters. For example if a packet is successfully transmitted after one
collision the SINGLE COLLISION COUNT field is incremented by one. If a packet experiences between 2 to 16 collisions,
the MULTIPLE COLLISION COUNT field is incremented by one. If a packet experiences deferral the NUMBER OF
DEFERRED TX field is incremented by one, even if the packet experienced multiple deferrals during its collision retries.
The COUNTER REGISTER facilitates maintaining statistics in the AUTO RELEASE mode where no transmit interrupts are
generated on successful transmissions.
Reading the register in the transmit service routine will be enough to maintain statistics.
BANK 0
OFFSET
NAME
TYPE
SYMBOL
8
MEMORY INFORMATION REGISTER
READ ONLY
MIR
HIGH
BYTE
FREE MEMORY AVAILABLE (IN BYTES * 256 * M)
1
1
1
1
1
1
1
1
LOW
BYTE
MEMORY SIZE (IN BYTES *256 * M)
1
1
1
1
1
1
1
1
FREE MEMORY AVAILABLE - This register can be read at any time to determine the amount of free memory. The register
defaults to the MEMORY SIZE upon reset or upon the RESET MMU command.
MEMORY SIZE - This register can be read to determine the total memory size.
All memory related information is represented in 256 * M byte units, where the multiplier M is determined by the MCR upper
byte.
These register default to FFh, which should be interpreted as 256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com