Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 10 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 6Page - SMSC Corporation LAN91C100FD Datasheet HTML 7Page - SMSC Corporation LAN91C100FD Datasheet HTML 8Page - SMSC Corporation LAN91C100FD Datasheet HTML 9Page - SMSC Corporation LAN91C100FD Datasheet HTML 10Page - SMSC Corporation LAN91C100FD Datasheet HTML 11Page - SMSC Corporation LAN91C100FD Datasheet HTML 12Page - SMSC Corporation LAN91C100FD Datasheet HTML 13Page - SMSC Corporation LAN91C100FD Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 10
Rev. 05/31/2000
Table 1 - LAN91C100FD Pin Requirements
FUNCTION
PIN SYMBOLS
NUMBER OF PINS
System Address Bus
A1-A15, AEN, nBE0-nBE3
20
System Data Bus
D0-D31
32
System Control Bus
RESET, nADS, LCLK, ARDY,
nRDYRTN, nSRDY, INTR0-
INTR3, nLDEV, nRD, nWR,
nDATACS, nCYCLE, W/nR,
nVLBUS
17
Serial EEPROM
EEDI, EEDO, EECS, EESK,
ENEEP, IOS0-IOS2
8
RAM Data Bus
RD0-RD31
32
RAM Address Bus
RA2-RA16
15
RAM Control Bus
nROE, nRWE0-nRWE3,
RCVDMA, RDMAH
7
Crystal Oscillator
XTAL1, XTAL2
2
Power
VDD, AVDD
19
Ground
GND, AGND
21
External ENDEC 10 Mbps
TXEN, TXD, CRS, COL, RXD,
TXC, RXC, LBK, nLNK,
nFSTEP, AUISEL, MIISEL
12
Physical Interface 100 Mbps
TXEN100, CRS100, COL100,
RX_DV, RX_ER, TXD0-TXD3,
RXD0-RXD3, MDI, MDO, MCLK
16
Clocks
TX25, RX25
2
Miscellaneous
nCSOUT, nRXDISC
2
TOTAL
205
FIGURE 1 - LAN91C100FD BLOCK DIAGRAM
BUS
INTERFACE
UNIT
ARBITER
MEMORY
MANAGEMENT
UNIT
DIRECT
MEMORY
ACCESS
MEDIA
ACCESS
CONTROL
SERIAL
EEPROM
RD
FIFO
WR
FIFO
Address
Data
Control
RAM
25 MHz
10 Mb
Interface
100
Media
Independent
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com