Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 65 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 65 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation LAN91C100FD Datasheet HTML 64Page - SMSC Corporation LAN91C100FD Datasheet HTML 65Page - SMSC Corporation LAN91C100FD Datasheet HTML 66Page - SMSC Corporation LAN91C100FD Datasheet HTML 67Page - SMSC Corporation LAN91C100FD Datasheet HTML 68Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 65
Rev. 05/31/2000
FIGURE 25 - ENDEC INTERFACE - 10 MBPS
PARAMETER
MIN
TYP
MAX
UNITS
t30
TXD, TXEN Delay from TXC Rising
0
40
ns
t31
RXD Setup to RXC Rising
10
ns
t32
RXD Hold After RXC Rising
30
ns
Notes:
1.
CRS input might be asynchronous to RXC.
2.
RXC starts after CRS goes active. RXC stops after CRS goes inactive.
3.
COL is an asynchronous input.
FIGURE 26 - MII INTERFACE
PARAMETER
MIN
TYP
MAX
UNITS
t27
TXD0-TXD3, TXEN100 Delay from TX25 Rising
0
15
ns
t28
RXD0-RXD3, RX_DV, RX_ER Setup to RX25 Rising
10
ns
t29
RXD0-RXD3, RX_DV, RX_ER Hold After RX25 Rising
10
ns
t31
t30
t30
t30
t32
TXC
TXEN
TXD
RXD
RXC
CRS
t28
t28
t28
t27
t27
t29
t29
TXD0-TXD3
TXEN100
RXD0-RXD3
RX25
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com