Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 53 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 53 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 49Page - SMSC Corporation LAN91C100FD Datasheet HTML 50Page - SMSC Corporation LAN91C100FD Datasheet HTML 51Page - SMSC Corporation LAN91C100FD Datasheet HTML 52Page - SMSC Corporation LAN91C100FD Datasheet HTML 53Page - SMSC Corporation LAN91C100FD Datasheet HTML 54Page - SMSC Corporation LAN91C100FD Datasheet HTML 55Page - SMSC Corporation LAN91C100FD Datasheet HTML 56Page - SMSC Corporation LAN91C100FD Datasheet HTML 57Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 53
Rev. 05/31/2000
EISA 32 BIT SLAVEEISA 32 bit slave
On EISA the LAN91C100FD is accessed as a 32 bit I/O slave, along with a Slave DMA type "C" data path option. As an
I/O slave, the LAN91C100FD uses asynchronous accesses. In creating nRD and nWR inputs, the timing information is
externally derived from nCMD edges. Given that the access will be at least 1.5 to 2 clocks (more than 180ns at least) there
is no need to negate EXRDY, simplifying the EISA interface implementation. As a DMA Slave, the LAN91C100FD accepts
burst transfers and is able to sustain the peak rate of one doubleword every BCLK. Doubleword alignment is assumed for
DMA transfers. Up to three extra bytes in the beginning and at the end of the transfer should be moved by the CPU using
I/O accesses to the Data Register. The LAN91C100FD will sample EXRDY and postpone DMA cycles if the memory cycle
solicits wait states.
Table 5 - EISA 32 Bit Slave Signal Connections
EISA BUS
SIGNAL
LAN91C100FD
SIGNAL
NOTES
LA2-LA15
A2-A15
Address bus used for I/O space and register decoding, latched
by nADS (nSTART) trailing edge.
M/nIO
AEN
AEN
Qualifies valid I/O decoding - enabled access when low. These
signals are externally ORed. Internally the AEN pin is latched by
nADS rising edge and transparent while nADS is low.
Latched W-R
combined with
nCMD
nRD
I/O Read strobe - asynchronous read accesses. Address is valid
before its leading edge. Must not be active during DMA bursts if
DMA is supported.
Latched W-R
combined with
nCMD
nWR
I/O Write strobe - asynchronous write access. Address is valid
before leading edge . Data latched on trailing edge. Must not be
active during DMA bursts if DMA is supported.
nSTART
nADS
Address strobe is connected to EISA nSTART.
RESDRV
RESET
nBE0 nBE1
nBE2 nBE3
nBE0 n BE1
nBE2 nBE3
Byte enables. Latched on nADS rising edge.
IRQn
INTR0-INTR3
Interrupts used as active high edge triggered
D0-D31
D0-D31
32 bit data bus. The bus byte(s) used to access the device are a
function of nBE0-nBE3:
nBE0 nBE1 nBE2
nBE3
0
0
0
0
Double word access
0
0
1
1
Low word access
1
1
0
0
High word access
0
1
1
1
Byte 0 access
1
0
1
1
Byte 1 access
1
1
0
1
Byte 2 access
1
1
1
0
Byte 3 access
Not used = tri-state on reads, ignored on writes. Note that nBE2
and nBE3 override the value of A1, which is tied low in this
application. Other combinations of nBE are not supported by the
LAN91C100FD. Software drivers are not anticipated to generate
them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com