Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 28Page - SMSC Corporation LAN91C100FD Datasheet HTML 29Page - SMSC Corporation LAN91C100FD Datasheet HTML 30Page - SMSC Corporation LAN91C100FD Datasheet HTML 31Page - SMSC Corporation LAN91C100FD Datasheet HTML 32Page - SMSC Corporation LAN91C100FD Datasheet HTML 33Page - SMSC Corporation LAN91C100FD Datasheet HTML 34Page - SMSC Corporation LAN91C100FD Datasheet HTML 35Page - SMSC Corporation LAN91C100FD Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 32
Rev. 05/31/2000
OFFSET
NAME
TYPE
SYMBOL
C
INTERRUPT ACKNOWLEDGE
REGISTER
WRITE ONLY
ACK
RX_DISC
INT
ERCV INT
RX_OVRN
INT
TX EMPTY
INT
TX INT
OFFSET
NAME
TYPE
SYMBOL
D
INTERRUPT MASK REGISTER
READ/WRITE
MSK
RX_DISC
INT
ERCV INT
EPH INT
RX_OVRN
INT
ALLOC INT
TX EMPTY
INT
TX INT
RCV INT
0
0
0
0
0
0
0
0
This register can be read and written as a word or as two individual bytes.
The Interrupt Mask Register bits enable the appropriate bits when high and disable them when low. An enabled bit being
set will cause a hardware interrupt.
EPH INT - Set when the Ethernet Protocol Handler section indicates one out of various possible special conditions. This bit
merges exception type of interrupt sources, whose service time is not critical to the execution speed of the low level drivers.
The exact nature of the interrupt can be obtained from the EPH Status Register (EPHSR), and enabling of these sources
can be done via the Control Register. The possible sources are:
LINK - Link Test transition
CTR_ROL - Statistics counter roll over
TXENA cleared - A fatal transmit error occurred forcing TXENA to be cleared. TX_SUC will be low and the specific
reason will be reflected by the bits:
TXUNRN - Transmit underrun
SQET - SQE Error
LOST CARR - Lost Carrier
LATCOL - Late Collision
16COL - 16 collisions
RX_DISC INT - Set when the nRXDISC PIN COUNTER in the ERCV register increments to a value of FF. The RX_DISC
INT bit latches the condition for the purpose of being polled or generating an interrupt, and will only be cleared by writing the
acknowledge register with the RX_DISC INT bit set.
RX_OVRN INT - Set when 1) the receiver aborts due to an overrun due to a failed memory allocation, 2) the receiver
aborts due to a packet length of greater than 2K bytes, or 3) the receiver aborts due to the RCV DISCRD bit in the ERCV
register set. The RX_OVRN INT bit latches the condition for the purpose of being polled or generating an interrupt, and will
only be cleared by writing the acknowledge register with the RX_OVRN INT bit set.
ALLOC INT - Set when an MMU request for TX pages allocation is completed. This bit is the complement of the FAILED
bit in the ALLOCATION RESULT register. The ALLOC INT ENABLE bit should only be set following an allocation
command, and cleared upon servicing the interrupt.
TX EMPTY INT - Set if the TX FIFO goes empty, can be used to generate a single interrupt at the end of a sequence of
packets enqueued for transmission. This bit latches the empty condition, and the bit will stay set until it is specifically
cleared by writing the acknowledge register with the TX EMPTY INT bit set. If a real time reading of the FIFO empty is
desired, the bit should be first cleared and then read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com