Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5601 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC5601
Description  High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5601 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC5601 Datasheet HTML 1Page - E-CMOS Corporation EC5601 Datasheet HTML 2Page - E-CMOS Corporation EC5601 Datasheet HTML 3Page - E-CMOS Corporation EC5601 Datasheet HTML 4Page - E-CMOS Corporation EC5601 Datasheet HTML 5Page - E-CMOS Corporation EC5601 Datasheet HTML 6Page - E-CMOS Corporation EC5601 Datasheet HTML 7Page - E-CMOS Corporation EC5601 Datasheet HTML 8Page - E-CMOS Corporation EC5601 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EC5601
High Slew Rate Rail-to-Rail Single
Operational Amplifiers with OTP
2010/11/29
Page 1 of 11
NC
VS+
VS+
IN-
IN-
FEATURES
• Wide supply voltage range 6V ~ 18V
• Input range 500mV beyond the rails
• Unity-gain stable
• Rail-to-rail output swing
• High slew rate 40V/μs
• GBWP 20MHz
• 30MHz -3dB Bandwidth
• Ultra-small Package SOT-25、TSOT25、
SOT-26、TSOT-26 and TSSOP-8
APPLICATIONS
• TFT-LCD Reference Driver
• Touch-Screen Display
• Wireless LANs
• Personal Communication Devices
• Direct Access Arrangement
• Personal Digital Assistant (PDA)
• Active Filter
• Sampling ADC Amplifier
• ADC/DAC Buffer
• Electronic Notebook
from 6V to 18V. It provides 0.5V beyond the
supply rails of common mode input range and
capability of rail-to-rail output swing as well. This
enables the amplifier to offer maximum dynamic
range at any supply voltage among many
applications. A 20MHz gain bandwidth product
allows EC5601 to perform more stable than
other devices in Internet applications.
With features of 40V/μs high slew rate
and
200ns of fast settling time, as well as 100mA
(sink and
source) of
high output driving
capability,
the
EC5601
is
ideal
for
the
requirements of flat panel Thin Film Transistor
Liquid
Crystal
Displays
(TFT-LCD)
panel
grayscale reference buffers application. Due to
insensitive to power supply variation, EC5601
offers
flexibility
of
use
in
multitude
of
applications such as battery power, portable
devices and anywhere low power consumption
is
concerned.
With
standard
operational
amplifier pin assignment, the EC5601 is offered
in a space saving 6-Pin SOT-26 package and
specified over the -40°C to +85°C temperature
range.
PIN ASSIGNMENT
5
4
6
5
4
• Office Automation
1
2
3
1
2
3
• Portable Electronics
VOUT
VS-
IN+
VOUT
VS-
IN+
GENERAL DESCRIPTION
The EC5601 is a rail-to-rail one channel
operational amplifier with wide supply range
TSSOP-8
SOT25/TSOT25
SOT26/TSOT26


Similar Part No. - EC5601

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5602I-G E-CMOS-EC5602I-G Datasheet
855Kb / 12P
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5602N-HG E-CMOS-EC5602N-HG Datasheet
855Kb / 12P
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5602R-G E-CMOS-EC5602R-G Datasheet
855Kb / 12P
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5604 E-CMOS-EC5604 Datasheet
7Mb / 10P
18V High Performance Rail-to-Rail Quad Operational Amplifiers
More results

Similar Description - EC5601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
logo
E-CMOS Corporation
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5611 E-CMOS-EC5611 Datasheet
730Kb / 11P
High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com